Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1545CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBR1545CT
Description  15A SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR1545CT Datasheet(HTML) 1 Page - Diodes Incorporated

  MBR1545CT Datasheet HTML 1Page - Diodes Incorporated MBR1545CT Datasheet HTML 2Page - Diodes Incorporated MBR1545CT Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS23013 Rev. 9 - 2
1 of 3
MBR1530CT - MBR1560CT
www.diodes.com
ã Diodes Incorporated
MBR1530CT - MBR1560CT
15A SCHOTTKY BARRIER RECTIFIER
Features
L
M
A
N
P
D
E
K
C
B
G
12 3
J
HH
Pin 1
Pin 3
Pin 2
Case
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Schottky Barrier Chip
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward Voltage Drop
·
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
·
Lead Free Finish, RoHS Compliant (Note 3)
Mechanical Data
·
Case: TO-220AB
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish – Bright Tin. Solderable per
MIL-STD-202, Method 208
·
Polarity: As Marked on Body
·
Marking: Type Number
·
Weight: 2.24 grams (approx.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
MBR
1530CT
MBR
1535CT
MBR
1540CT
MBR
1545CT
MBR
1550CT
MBR
1560CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
24.5
28
31.5
35
42
V
Average Rectified Output Current
@ TC = 125
°C
(Note 1)
IO
15
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
150
A
Forward Voltage Drop
@ IF = 15A, TC = 125
°C
@ IF = 7.5A, TC = 125
°C
@ IF = 15A, TC = 25
°C
VFM
0.72
0.57
0.84
0.80
0.65
0.90
V
Peak Reverse Current
@ TC = 25
°C
at Rated DC Blocking Voltage
@ TC = 125
°C
IRM
0.1
15
1.0
50
mA
Typical Total Capacitance
(Note 2)
CT
300
pF
Typical Thermal Resistance Junction to Case
(Note 1)
RqJc
1.7
°C/W
Voltage Rate of Change (Rated VR)
dV/dt
1000
10,000
V/
ms
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Thermal resistance junction to case mounted on heatsink.
a
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
TO-220AB
Dim
Min
Max
A
14.48
15.75
B
10.00
10.40
C
2.54
3.43
D
5.90
6.40
E
2.80
3.93
G
12.70
14.27
H
2.40
2.70
J
0.69
0.93
K
3.54
3.78
L
4.07
4.82
M
1.15
1.39
N
0.30
0.50
P
2.04
2.79
All Dimensions in mm


Similar Part No. - MBR1545CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR1545CT MOTOROLA-MBR1545CT Datasheet
84Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
GOOD-ARK Electronics
MBR1545CT GOOD-ARK-MBR1545CT Datasheet
316Kb / 6P
   MBR1545CT
logo
Galaxy Semi-Conductor H...
MBR1545CT BILIN-MBR1545CT Datasheet
335Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
MBR1545CT SAMYANG-MBR1545CT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR1545CT KERSEMI-MBR1545CT Datasheet
1,003Kb / 2P
   15.0AMP. Schottky Barrier Rectifiers
More results

Similar Description - MBR1545CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR1530CT VISHAY-MBR1530CT Datasheet
64Kb / 5P
   15A Schottky Barrier Rectifier
Rev. A2, 24-Jun-98
logo
Diodes Incorporated
MBR1530CT DIODES-MBR1530CT Datasheet
88Kb / 2P
   15A SCHOTTKY BARRIER RECTIFIER
DS23013 Rev. F-2
MBR1530CT DIODES-MBR1530CT_15 Datasheet
73Kb / 3P
   15A SCHOTTKY BARRIER RECTIFIER
MBRB1530CT DIODES-MBRB1530CT_10 Datasheet
83Kb / 4P
   15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. 6 - 2
MBRB1530CT DIODES-MBRB1530CT Datasheet
46Kb / 2P
   15a SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. B-2
SDT15H100P5 DIODES-SDT15H100P5 Datasheet
417Kb / 5P
   15A TRENCH SCHOTTKY BARRIER RECTIFIER PowerDI5
September 2017 Rev. 3 - 2
MBRB1530CT_ DIODES-MBRB1530CT_ Datasheet
358Kb / 3P
   15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. 5 - 2
MBRB1530CT DIODES-MBRB1530CT_15 Datasheet
82Kb / 4P
   15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SMPD1560L SECOS-SMPD1560L Datasheet
224Kb / 2P
   60V, 15A Low VF Schottky Barrier Rectifier
logo
Digitron Semiconductors
MUR1505 DIGITRON-MUR1505 Datasheet
459Kb / 5P
   15A SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com