Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB140-B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SB140-B
Description  1.0A SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SB140-B Datasheet(HTML) 1 Page - Diodes Incorporated

  SB140-B Datasheet HTML 1Page - Diodes Incorporated SB140-B Datasheet HTML 2Page - Diodes Incorporated SB140-B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS23022 Rev. 5 - 2
1 of 3
SB120-SB160
www.diodes.com
ã Diodes Incorporated
SB120 - SB160
1.0A SCHOTTKY BARRIER RECTIFIER
Features
A
A
B
C
D
DO-41 Plastic
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Schottky Barrier Chip
·
Guard Ring Die Construction for Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward Voltage Drop
·
Surge Overload Rating to 40A Peak
·
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
·
Lead Free Finish, RoHS Compliant (Note 3)
Mechanical Data
·
Case: DO-41 Plastic
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Bright Tin. Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Mounting Position: Any
·
Ordering Information: See Last Page
·
Marking: Type Number
·
Weight: 0.3 grams (approximate)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SB120
SB130
SB140
SB150
SB160
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
V
Average Rectified Output Current
(Note 1)
(See Figure 1)
IO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
40
A
Forward Voltage (Note 2)
@ IF = 1.0A
VFM
0.50
0.70
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage (Note 2)
@ TA = 100
°C
IRM
0.5
mA
10
5.0
Typical Thermal Resistance Junction to Lead (Note 1)
RqJL
15
°C/W
Typical Thermal Resistance Junction to Ambient
RqJA
50
°C/W
Operating Temperature Range
Tj
-65 to +125
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
Notes:
1. Measured at ambient temperature at a distance of 9.5mm from the case.
2. Short duration test pulse used to minimize self-heating effect.
3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
SPICE MODELS: SB120 SB130 SB140 SB150 SB160


Similar Part No. - SB140-B

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
SB140-0.9 GSG-SB140-0.9 Datasheet
382Kb / 1P
   Chips for Schottky Diodes
SB140-1.1 GSG-SB140-1.1 Datasheet
299Kb / 1P
   Chips for Schottky Diodes
SB140-1.3 GSG-SB140-1.3 Datasheet
250Kb / 1P
   Chips for Schottky Diodes
logo
Nanjing International G...
SB140-1A-DO-41 DGNJDZ-SB140-1A-DO-41 Datasheet
295Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB140-E LRC-SB140-E Datasheet
181Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
More results

Similar Description - SB140-B

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB120 WTE-SB120 Datasheet
50Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB120 DIODES-SB120_15 Datasheet
87Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR145 UTC-MBR145 Datasheet
148Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
1N5817 DIODES-1N5817_1 Datasheet
68Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
DS23001 Rev. 8 - 2
1N5817 DIODES-1N5817_15 Datasheet
46Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
1N5817 ZSELEC-1N5817 Datasheet
104Kb / 2P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B150AE DIODES-B150AE Datasheet
438Kb / 6P
   1.0A SCHOTTKY BARRIER RECTIFIER
January 2020 Rev. 4 - 2
logo
Won-Top Electronics
SR120 WTE-SR120 Datasheet
50Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB120 DIODES-SB120 Datasheet
74Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
DS23022 Rev. 4 - 2
1N5817 DIODES-1N5817 Datasheet
44Kb / 2P
   1.0A SCHOTTKY BARRIER RECTIFIER
DS23001 Rev. 6 - 2
logo
Won-Top Electronics
1N5817 WTE-1N5817 Datasheet
36Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com