Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB550-B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SB550-B
Description  5.0A SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SB550-B Datasheet(HTML) 2 Page - Diodes Incorporated

  SB550-B Datasheet HTML 1Page - Diodes Incorporated SB550-B Datasheet HTML 2Page - Diodes Incorporated SB550-B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS23024 Rev. 8 - 2
2 of 3
SB520 - SB560
www.diodes.com
0.01
0.1
10
1.0
V , INSTANTANEOUS F0RWARD VOLTAGE (V)
Fig. 3 Typical Forward Characteristics, SB550 & SB560
F
100
00.2
0.4
0.6
0.8
T = 100°C
j
T= 25°C
j
T = 125°C
j
0
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 4 Max Non-Repetitive Peak Fwd Surge Current
8.3ms Single Half-Sine-Wave
(JEDEC Method)
T= T
j
j(max)
30
60
90
120
150
V , REVERSE VOLTAGE (V)
Fig. 5 Typical Total Capacitance
R
100
1000
3000
0.1
1.0
10
100
T= 25 C
j
°
SB520 - SB540
SB550 - SB560
0.01
0.1
1.0
10
100
0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, SB520 - SB540
F
0.2
0.4
0.6
0.8
T= 25 C
j
°
T= 100 C
j
°
0
025
50
75
100
125
150
T , LEAD TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
L
°
1
2
4
5
3
Resistive or
Inductive Load
Resistive or Inductive Load
0.375” (9.5mm) lead length
SB520 - SB540
SB550 & SB560
0
8
16
24
32
40
V
INSTANTANEOUS, REVERSE VOLTAGE (V)
R,
Fig. 6 Typical Reverse Characteristics, SB520 - SB540
T = 125°C
j
T= 75°C
j
T= 25°C
j
100
10
1.0
0.1
0.01
0.001
T = 100°C
j


Similar Part No. - SB550-B

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SB550-E LRC-SB550-E Datasheet
208Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
logo
Won-Top Electronics
SB550-T3 WTE-SB550-T3 Datasheet
50Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
SB550-T3 WTE-SB550-T3 Datasheet
63Kb / 4P
   5.0A SCHOTTKY BARRIER DIODE
SB550-TB WTE-SB550-TB Datasheet
50Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
SB550-TB WTE-SB550-TB Datasheet
63Kb / 4P
   5.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - SB550-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SB570 DIODES-SB570_1 Datasheet
55Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS30135 Rev. 5 - 2
logo
New Jersey Semi-Conduct...
SB520 NJSEMI-SB520 Datasheet
95Kb / 1P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBL530 DIODES-SBL530 Datasheet
90Kb / 2P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS23043 Rev. D-2
logo
Unisonic Technologies
SB540 UTC-SB540 Datasheet
150Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
New Jersey Semi-Conduct...
SB570 NJSEMI-SB570 Datasheet
92Kb / 1P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB520 DIODES-SB520 Datasheet
56Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 6 - 2
SB570 DIODES-SB570 Datasheet
56Kb / 2P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS30135 Rev. 4 -2
SB520 DIODES-SB520_15 Datasheet
75Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
SBL530 DIODES-SBL530_1 Datasheet
75Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS23043 Rev. 5 - 2
logo
Won-Top Electronics
SB520 WTE-SB520 Datasheet
50Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com