Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37C669 Datasheet(PDF) 10 Page - SMSC Corporation

Part # FDC37C669
Description  PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C669 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button FDC37C669 Datasheet HTML 6Page - SMSC Corporation FDC37C669 Datasheet HTML 7Page - SMSC Corporation FDC37C669 Datasheet HTML 8Page - SMSC Corporation FDC37C669 Datasheet HTML 9Page - SMSC Corporation FDC37C669 Datasheet HTML 10Page - SMSC Corporation FDC37C669 Datasheet HTML 11Page - SMSC Corporation FDC37C669 Datasheet HTML 12Page - SMSC Corporation FDC37C669 Datasheet HTML 13Page - SMSC Corporation FDC37C669 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 164 page
background image
10
DESCRIPTION OF PIN FUNCTIONS
QFP/
TQFP
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
82,92
nClear to Send
nCTS1
nCTS2
I
Active low Clear to Send inputs for the serial
port.
Handshake signal which notifies the
UART that the modem is ready to receive
data.
The CPU can monitor the status of
nCTS signal by reading bit 4 of Modem
Status Register (MSR). A nCTS signal state
change from low to high after the last MSR
read will set MSR bit 0 to a 1. If bit 3 of
Interrupt Enable Register is set, the interrupt
is generated when nCTS changes state.
The nCTS signal has no effect on the
transmitter.
Note:
Bit 4 of MSR is the
complement of nCTS.
80,90
nData Set Ready nDSR1
nDSR2
I
Active low Data Set Ready inputs for the
serial port. Handshake signal which notifies
the UART that the modem is ready to
establish the communication link. The CPU
can monitor the status of nDSR signal by
reading bit 5 of Modem Status Register
(MSR). A nDSR signal state change from
low to high after the last MSR read will set
MSR bit 1 to a 1. If bit 3 of Interrupt Enable
Register is set, the interrupt is generated
when nDSR changes state. Note: Bit 5 of
MSR is the complement of nDSR.
85,87
nData Carrier
Detect
nDCD1
nDCD2
I
Active low Data Carrier Detect inputs for the
serial port. Handshake signal which notifies
the UART that carrier signal is detected by
the modem.
The CPU can monitor the
status of nDCD signal by reading bit 7 of
Modem Status Register (MSR).
A nDCD
signal state change from low to high after
the last MSR read will set MSR bit 3 to a 1.
If bit 3 of Interrupt Enable Register is set,
the interrupt is generated when nDCD
changes state. Note: Bit 7 of MSR is the
complement of nDCD.


Similar Part No. - FDC37C669

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
logo
Microchip Technology
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
   PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
logo
Agilent(Hewlett-Packard...
FDC37C669FR HP-FDC37C669FR Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results

Similar Description - FDC37C669

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
logo
Microchip Technology
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
   PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
logo
SMSC Corporation
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
37M602 SMSC-37M602 Datasheet
650Kb / 182P
   ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
SMSC Corporation
FDC37C665IR SMSC-FDC37C665IR Datasheet
562Kb / 162P
   3/5 Volt Advanced High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controller with Infranred Support
FDC37N769 SMSC-FDC37N769_07 Datasheet
669Kb / 137P
   3.3V Super I/O Controller with Infrared Support for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com