Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37N769 Datasheet(PDF) 10 Page - SMSC Corporation

Part # FDC37N769
Description  3.3V Super I/O Controller with Infrared Support for Portable Applications
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37N769 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button FDC37N769_07 Datasheet HTML 6Page - SMSC Corporation FDC37N769_07 Datasheet HTML 7Page - SMSC Corporation FDC37N769_07 Datasheet HTML 8Page - SMSC Corporation FDC37N769_07 Datasheet HTML 9Page - SMSC Corporation FDC37N769_07 Datasheet HTML 10Page - SMSC Corporation FDC37N769_07 Datasheet HTML 11Page - SMSC Corporation FDC37N769_07 Datasheet HTML 12Page - SMSC Corporation FDC37N769_07 Datasheet HTML 13Page - SMSC Corporation FDC37N769_07 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 137 page
background image
SMSC DS – FDC37N769
Page 10 of 137
Rev. 02-16-07
DATASHEET
TQFP
PIN #
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
81,91
nData
Terminal
Ready
nDTR1
nDTR2
O6
Active low Data Terminal Ready outputs for the serial
port. Handshake output signal notifies modem that
the UART is ready to establish data communication
link. This signal can be programmed by writing to bit 0
of Modem Control Register (MCR). The hardware
reset will reset the nDTR signal to inactive mode
(high). nDTR is forced inactive during loop mode
operation.
80,90
nClear to
Send
nCTS1
nCTS2
I
Active low Clear to Send inputs for the serial port.
Handshake signal which notifies the UART that the
modem is ready to receive data.
The CPU can
monitor the status of nCTS signal by reading bit 4 of
Modem Status Register (MSR). A nCTS signal state
change from low to high after the last MSR read will
set MSR bit 0 to a 1. If bit 3 of the Interrupt Enable
Register is set, the interrupt is generated when nCTS
changes state. The nCTS signal has no effect on the
transmitter. Note: Bit 4 of MSR is the complement of
nCTS.
78,88
nData Set
Ready
nDSR1
nDSR2
I
Active low Data Set Ready inputs for the serial port.
Handshake signal which notifies the UART that the
modem is ready to establish the communication link.
The CPU can monitor the status of nDSR signal by
reading bit 5 of Modem Status Register (MSR). A
nDSR signal state change from low to high after the
last MSR read will set MSR bit 1 to a 1. If bit 3 of
Interrupt Enable Register is set, the interrupt is
generated when nDSR changes state. Note: Bit 5 of
MSR is the complement of nDSR.
83,85
nData
Carrier
Detect
nDCD1
nDCD2
I
Active low Data Carrier Detect inputs for the serial
port. Handshake signal which notifies the UART that
carrier signal is detected by the modem. The CPU
can monitor the status of nDCD signal by reading bit 7
of Modem Status Register (MSR). A nDCD signal
state change from low to high after the last MSR read
will set MSR bit 3 to a 1. If bit 3 of Interrupt Enable
Register is set, the interrupt is generated when nDCD
changes state.
Note:
Bit 7 of MSR is the
complement of nDCD.
82,84
nRing
Indicator
nRI1
nRI2
I
(Note
1)
Active low Ring Indicator inputs for the serial port.
Handshake signal which notifies the UART that the
telephone ring signal is detected by the modem. The
CPU can monitor the status of nRI signal by reading
bit 6 of Modem Status Register (MSR). A nRI signal
state change from low to high after the last MSR read
will set MSR bit 2 to a 1. If bit 3 of Interrupt Enable
Register is set, the interrupt is generated when nRI
changes state.
Note:
Bit 6 of MSR is the
complement of nRI.
TQFP
PIN #
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
PARALLEL PORT INTERFACE (NOTE 2)
71
nPrinter
Select
Input/FDC
nStep
Pulse
(Note
3)
nSLCTIN
nSTEP
(OD14/OP1
4)/OD12
This active low output selects the printer. This is the
complement of bit 3 of the Printer Control Register.
Refer to Parallel Port description for use of this pin in
ECP and EPP mode.
See FDC Pin definition.


Similar Part No. - FDC37N769_07

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
logo
Agilent(Hewlett-Packard...
FDC37N769 HP-FDC37N769 Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results

Similar Description - FDC37N769_07

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
FDC37N869 SMSC-FDC37N869 Datasheet
449Kb / 147P
   5V and 3.3V Super I/O Controller with Infrared Support for Portable Applications
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
37M602 SMSC-37M602 Datasheet
650Kb / 182P
   ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
37C957FR SMSC-37C957FR Datasheet
1Mb / 328P
   ULTRA I/O CONTROLLER FOR PORTABLE APPLICATIONS
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
logo
Winbond
W83787IF WINBOND-W83787IF Datasheet
1Mb / 123P
   WINBOND I/O WITH SERIAL-INFRARED SUPPORT
logo
SMSC Corporation
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com