Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF3001-B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # UF3001-B
Description  3.0A ULTRA-FAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UF3001-B Datasheet(HTML) 3 Page - Diodes Incorporated

  UF3001-B Datasheet HTML 1Page - Diodes Incorporated UF3001-B Datasheet HTML 2Page - Diodes Incorporated UF3001-B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes:
6. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
DS25004 Rev. 8 - 2
3 of 3
UF3001 - UF3007
www.diodes.com
Ordering Information
Device
Packaging
Shipping
UF3001-B
DO-201AD
500/Bulk
UF3001-T
DO-201AD
1.2K/Tape & Reel, 13-inch
UF3002-B
DO-201AD
500/Bulk
UF3002-T
DO-201AD
1.2K/Tape & Reel, 13-inch
UF3003-B
DO-201AD
500/Bulk
UF3003-T
DO-201AD
1.2K/Tape & Reel, 13-inch
UF3004-B
DO-201AD
500/Bulk
UF3004-T
DO-201AD
1.2K/Tape & Reel, 13-inch
UF3005-B
DO-201AD
500/Bulk
UF3005-T
DO-201AD
1.2K/Tape & Reel, 13-inch
UF3006-B
DO-201AD
500/Bulk
UF3006-T
DO-201AD
1.2K/Tape & Reel, 13-inch
UF3007-B
DO-201AD
500/Bulk
UF3007-T
DO-201AD
1.2K/Tape & Reel, 13-inch
(Note 6)
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.


Similar Part No. - UF3001-B

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
UF3001-2C3A-2CDO-27 DGNJDZ-UF3001-2C3A-2CDO-27 Datasheet
237Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Comchip Technology
UF3001-G COMCHIP-UF3001-G Datasheet
80Kb / 3P
   Ultra Fast Recovery Rectifiers
UF3001-G COMCHIP-UF3001-G Datasheet
80Kb / 3P
   Ultra Fast Recovery Rectifiers
UF3001-HF COMCHIP-UF3001-HF Datasheet
80Kb / 3P
   Ultra Fast Recovery Rectifiers
More results

Similar Description - UF3001-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UF3001 DIODES-UF3001 Datasheet
62Kb / 2P
   3.0A ULTRA-FAST RECTIFIER
DS25004 Rev. E-2
UF3001 DIODES-UF3001_15 Datasheet
405Kb / 3P
   3.0A ULTRA-FAST RECTIFIER
logo
TAITRON Components Inco...
UF5400 TAITRON-UF5400 Datasheet
162Kb / 4P
   3.0A Ultra Fast Recovery Rectifier
TUF301 TAITRON-TUF301 Datasheet
137Kb / 4P
   3.0A Ultra Fast Recovery Rectifier
logo
Diodes Incorporated
UG3001 DIODES-UG3001 Datasheet
86Kb / 2P
   3.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27010 Rev. A1-2
logo
Gaomi Xinghe Electronic...
US3ABF GXELECTRONICS-US3ABF Datasheet
481Kb / 2P
   3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
US3M DIODES-US3M_15 Datasheet
469Kb / 5P
   3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
UG3001 DIODES-UG3001_1 Datasheet
85Kb / 3P
   3.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27010 Rev. 4 - 2
logo
Won-Top Electronics
UF3A WTE-UF3A Datasheet
50Kb / 3P
   3.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
SUNMATE electronic Co.,...
US3A SUNMATE-US3A Datasheet
330Kb / 2P
   3.0A Surface Mount Ultra-Fast Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com