Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF640S Datasheet(PDF) 6 Page - NXP Semiconductors

Part # IRF640S
Description  N-channel TrenchMOS transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IRF640S Datasheet(HTML) 6 Page - NXP Semiconductors

  IRF640S Datasheet HTML 1Page - NXP Semiconductors IRF640S Datasheet HTML 2Page - NXP Semiconductors IRF640S Datasheet HTML 3Page - NXP Semiconductors IRF640S Datasheet HTML 4Page - NXP Semiconductors IRF640S Datasheet HTML 5Page - NXP Semiconductors IRF640S Datasheet HTML 6Page - NXP Semiconductors IRF640S Datasheet HTML 7Page - NXP Semiconductors IRF640S Datasheet HTML 8Page - NXP Semiconductors IRF640S Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
IRF640, IRF640S
Fig.13. Typical reverse diode current.
I
F = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.14. Maximum permissible non-repetitive
avalanche current (I
AS) versus avalanche time (tAV);
unclamped inductive load
0
2
4
6
8
10
12
14
16
18
20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Source-Drain Voltage, VSDS (V)
Source-Drain Diode Current, IF (A)
Tj = 25 C
175 C
VGS = 0 V
0.1
1
10
100
0.001
0.01
0.1
1
10
Avalanche time, tAV (ms)
Maximum Avalanche Current, IAS (A)
Tj prior to avalanche = 150 C
25 C
August 1999
6
Rev 1.100


Similar Part No. - IRF640S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF640S STMICROELECTRONICS-IRF640S Datasheet
84Kb / 8P
   N - CHANNEL 200V - 0.150ohm - 18A TO-263 MESH OVERLAY] MOSFET
logo
International Rectifier
IRF640S IRF-IRF640S Datasheet
228Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
logo
Vishay Siliconix
IRF640S VISHAY-IRF640S Datasheet
2Mb / 8P
   Power MOSFET
Rev. A, 07-Jul-08
IRF640S VISHAY-IRF640S Datasheet
237Kb / 10P
   Power MOSFET
01-Jan-2022
logo
Inchange Semiconductor ...
IRF640S ISC-IRF640S Datasheet
286Kb / 2P
   isc N-Channel MOSFET Transistor
2023-8-23
More results

Similar Description - IRF640S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
   N-channel TrenchMOS transistor
June 2000 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
   N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
PSMN015-100B PHILIPS-PSMN015-100B Datasheet
146Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
PSMN130-200D PHILIPS-PSMN130-200D Datasheet
143Kb / 12P
   N-channel TrenchMOS transistor
August 1999
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP27NQ10T PHILIPS-PHP27NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com