Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2158T5K-E2 Datasheet(PDF) 10 Page - California Eastern Labs

Part # UPG2158T5K-E2
Description  L, S-BAND SPDT SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPG2158T5K-E2 Datasheet(HTML) 10 Page - California Eastern Labs

Back Button UPG2158T5K-E2 Datasheet HTML 3Page - California Eastern Labs UPG2158T5K-E2 Datasheet HTML 4Page - California Eastern Labs UPG2158T5K-E2 Datasheet HTML 5Page - California Eastern Labs UPG2158T5K-E2 Datasheet HTML 6Page - California Eastern Labs UPG2158T5K-E2 Datasheet HTML 7Page - California Eastern Labs UPG2158T5K-E2 Datasheet HTML 8Page - California Eastern Labs UPG2158T5K-E2 Datasheet HTML 9Page - California Eastern Labs UPG2158T5K-E2 Datasheet HTML 10Page - California Eastern Labs UPG2158T5K-E2 Datasheet HTML 11Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions.
For soldering
methods and conditions other than those recommended below, contact your nearby sales office.
Soldering Method
Soldering Conditions
Condition Symbol
Infrared Reflow
Peak temperature (package surface temperature)
: 260
°C or below
Time at peak temperature
: 10 seconds or less
Time at temperature of 220
°C or higher
: 60 seconds or less
Preheating time at 120 to 180
°C
: 120
±30 seconds
Maximum number of reflow processes
: 3 times
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
IR260
Wave Soldering
Peak temperature (molten solder temperature)
: 260
°C or below
Time at peak temperature
: 10 seconds or less
Preheating temperature (package surface temperature) : 120
°C or below
Maximum number of flow processes
: 1 time
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
WS260
Partial Heating
Peak temperature (terminal temperature)
: 350
°C or below
Soldering time (per side of device)
: 3 seconds or less
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
HS350
Caution Do not use different soldering methods together (except for partial heating).
Data Sheet PG10578EJ02V0DS
10
µPG2158T5K


Similar Part No. - UPG2158T5K-E2

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2158T5K-E2 NEC-UPG2158T5K-E2 Datasheet
105Kb / 12P
   L, S-BAND SPDT SWITCH
logo
Renesas Technology Corp
UPG2158T5K-E2 RENESAS-UPG2158T5K-E2 Datasheet
228Kb / 14P
   GaAs INTEGRATED CIRCUIT
2005
logo
California Eastern Labs
UPG2158T5K-E2-A CEL-UPG2158T5K-E2-A Datasheet
1Mb / 8P
   L,S-BAND SPDT SWITCH
logo
NEC
UPG2158T5K-E2-A NEC-UPG2158T5K-E2-A Datasheet
105Kb / 12P
   L, S-BAND SPDT SWITCH
logo
Renesas Technology Corp
UPG2158T5K-E2-A RENESAS-UPG2158T5K-E2-A Datasheet
228Kb / 14P
   GaAs INTEGRATED CIRCUIT
2005
More results

Similar Description - UPG2158T5K-E2

ManufacturerPart #DatasheetDescription
logo
NEC
UPG158TB NEC-UPG158TB Datasheet
56Kb / 8P
   L, S- BAND SPDT SWITCH
logo
California Eastern Labs
UPG2214TK CEL-UPG2214TK Datasheet
511Kb / 12P
   L. S-BAND SPDT SWITCH
logo
NEC
UPG2158T5K NEC-UPG2158T5K Datasheet
105Kb / 12P
   L, S-BAND SPDT SWITCH
UPG2015TB NEC-UPG2015TB_1 Datasheet
110Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2159T6R NEC-UPG2159T6R Datasheet
95Kb / 10P
   L, S-BAND SPDT SWITCH
logo
Renesas Technology Corp
PG2214TK RENESAS-PG2214TK_15 Datasheet
214Kb / 15P
   L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2030TK CEL-UPG2030TK_09 Datasheet
455Kb / 10P
   L, S-BAND SPDT SWITCH
logo
NEC
UPG2179TB NEC-UPG2179TB_1 Datasheet
76Kb / 11P
   L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2214TK CEL-UPG2214TK_09 Datasheet
511Kb / 12P
   L, S-BAND SPDT SWITCH
logo
NEC
UPG2214TK NEC-UPG2214TK Datasheet
85Kb / 13P
   L, S-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com