Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE91CA-B Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 1.5KE91CA-B
Description  1500W TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1.5KE91CA-B Datasheet(HTML) 4 Page - Diodes Incorporated

  1.5KE91CA-B Datasheet HTML 1Page - Diodes Incorporated 1.5KE91CA-B Datasheet HTML 2Page - Diodes Incorporated 1.5KE91CA-B Datasheet HTML 3Page - Diodes Incorporated 1.5KE91CA-B Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Notes:
4. *Add "-B" or "-T" to the appropriate type number in Table 1. Example: 6.40 Reverse Standoff Voltage, UNI = 1.5KE7V5A-B.
5. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
DS21503 Rev. 10 - 2
4 of 4
1.5KE6V8(C)A - 1.5KE400(C)A
www.diodes.com
Ordering Information
Device
Packaging
Shipping
(Type Number)-B*
DO-201
1K/Bulk
(Type Number)-T*
DO-201
1K/Tape & Reel, 13-inch
(Note 5)


Similar Part No. - 1.5KE91CA-B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1.5KE91CA-B LITTELFUSE-1.5KE91CA-B Datasheet
141Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - 1.5KE91CA-B

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com