Selected language     English  â–Ľ


SMAJ7.0CA Datasheet(PDF) 4 Page - Diodes Incorporated

Part No. SMAJ7.0CA
Description  400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

   
 4 page
background image
DS19005 Rev. 13 - 2
4 of 4
SMAJ5.0(C)A - SMAJ170(C)A
www.diodes.com
XX = Product type marking code (See Page 2)
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year ex: 2 for 2002
WW = Week code 01 to 52
YWW
XX
Marking Information
Ordering Information
Device
Packaging
Shipping
SMAJXXX(C)A-13-F
SMA
5000/Tape & Reel
Notes:
8. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
*x = Device Voltage, e.g., SMCJ170A-13-F. Example: SMAJ170A-13-F.
(Note 8)
IMPORTANT NOTICE
LIFE SUPPORT
www.diodes.com
Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhance-
ments, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein;
neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such
use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
The products located on our website at
are not recommended for use in life support systems where a failure or malfunction of the
component may directly threaten life or cause injury without the express written approval of Diodes Incorporated.




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SMBJ50CA_1600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 Diodes Incorporated
SMCJ50CA_11500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 Diodes Incorporated
SMP11Surface Mount TRANSZORB Transient Voltage Suppressors 1 2 3 4 Vishay Siliconix
SMCJ5.0Surface Mount TRANSZORB Transient Voltage Suppressors 1 2 3 4 Vishay Siliconix
SD12CT1_07Transient Voltage Suppressor 1 2 3 ON Semiconductor
NUP4060AXV64−Line Transient Voltage Suppressor Array 1 2 3 4 ON Semiconductor
SMF05C_055−Line Transient Voltage Suppressor Array 1 2 3 4 5 MoreON Semiconductor
X20FF3LHigh Voltage Rectifiers - Surface Mount 1 Voltage Multipliers Inc.
MMBZ5221ELT1_0508Zener Voltage Regulators 225 mW SOT−23 Surface Mount 1 2 3 4 5 MoreON Semiconductor
MSK5251HIGH CURRENT VERY LOW OUTPUT SURFACE MOUNT VOLTAGE REGULATORS 1 2 3 4 5 M.S. Kennedy Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl