Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG1001-B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # UG1001-B
Description  1.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UG1001-B Datasheet(HTML) 2 Page - Diodes Incorporated

  UG1001-B Datasheet HTML 1Page - Diodes Incorporated UG1001-B Datasheet HTML 2Page - Diodes Incorporated UG1001-B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS27008 Rev. 3 - 2
2 of 3
UG1001 - UG1005
www.diodes.com
0
0.2
0.4
0.6
0.8
1.0
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
Single phase half-wave
60 Hz resistive or inductive load
0.01
0.1
1.0
10
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
1.6
1.8
2.0
UG1001 - UG1003
UG1004
UG1005
0
10
20
30
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
Pulse width = 8.3ms
single half sine-wave
(JEDEC Method)
50V DC
Approx
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 50/100 ns/cm
+0.5A
0A
-0.25A
-1.0A
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance
R
T= 25 C
f = 1.0MHz
j
°
UG1005
UG1001 -
UG1004


Similar Part No. - UG1001-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UG1001 DIODES-UG1001 Datasheet
62Kb / 2P
   1.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27008 Rev. A1-2
logo
Lite-On Technology Corp...
UG1001 LITEON-UG1001 Datasheet
35Kb / 2P
   ULTRA FAST GLASS PASSIVATED RECTIFIERS
logo
Zibo Seno Electronic En...
UG1001 ZSELEC-UG1001 Datasheet
87Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - UG1001-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UG1001 DIODES-UG1001 Datasheet
62Kb / 2P
   1.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27008 Rev. A1-2
logo
TAITRON Components Inco...
UGF1A TAITRON-UGF1A Datasheet
130Kb / 4P
   1.0A Sintered Glass Passivated Ultra Fast Rectifier
MURS140 TAITRON-MURS140 Datasheet
181Kb / 5P
   1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
UGP10A TAITRON-UGP10A Datasheet
147Kb / 4P
   1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
MUR130 TAITRON-MUR130 Datasheet
172Kb / 4P
   1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
TCDU1DW TAITRON-TCDU1DW Datasheet
229Kb / 5P
   1.0A Sintered Glass Passivated Ultra Fast Low Profile Rectifier
logo
Diodes Incorporated
1N4933G DIODES-1N4933G Datasheet
62Kb / 2P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27002 Rev. 7 - 2
SF10AG DIODES-SF10AG_1 Datasheet
380Kb / 3P
   1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24012 Rev. 4 - 2
MUR120 DIODES-MUR120_1 Datasheet
105Kb / 3P
   1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS30178 Rev. 3 - 2
1N4933G DIODES-1N4933G_2 Datasheet
85Kb / 3P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27002 Rev. 7 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com