Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C100 Datasheet(PDF) 5 Page - SMSC Corporation

Part # LAN91C100
Description  FEAST??Fast Ethernet Controller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100 Datasheet(HTML) 5 Page - SMSC Corporation

  LAN91C100 Datasheet HTML 1Page - SMSC Corporation LAN91C100 Datasheet HTML 2Page - SMSC Corporation LAN91C100 Datasheet HTML 3Page - SMSC Corporation LAN91C100 Datasheet HTML 4Page - SMSC Corporation LAN91C100 Datasheet HTML 5Page - SMSC Corporation LAN91C100 Datasheet HTML 6Page - SMSC Corporation LAN91C100 Datasheet HTML 7Page - SMSC Corporation LAN91C100 Datasheet HTML 8Page - SMSC Corporation LAN91C100 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 101 page
background image
5
DESCRIPTION OF PIN FUNCTIONSOF PIN FUNCTIONSPIN FUNCTIONS
PQFP/TQFP
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
184
Write/nRea
d
W/nR
I
Input. Defines the direction of synchronous
cycles. Write cycles when high, read cycles
when low.
181
nVL Bus
Access
nVLBUS
IP
Input.
When
low
the
LAN91C100
synchronous bus interface is configured for
VL
Bus
accesses.
Otherwise
the
LAN91C100 is configured for EISA DMA
burst
accesses.
Does
not
affect
the
asynchronous bus interface.
105
Local Bus
Clock
LCLK
I
Input. Used to interface synchronous buses.
Maximum frequency is 50 MHz. Limited to
8.33 MHz for EISA DMA burst mode.
175
Asynchron-
ous Ready
ARDY
OD16
Open drain output.
ARDY may be used
when interfacing asynchronous buses to
extend
accesses.
Its
rising
(access
completion) edge is controlled by the XTAL1
clock and therefore asynchronous to the
host CPU or bus clock.
106
nSynchron-
ous Ready
nSRDY
O16
Output.
This
output
is
used
when
interfacing
synchronous
buses
and
nVLBUS=0 to extend accesses. This signal
remains normally inactive, and its falling
edge indicates completion. This signal is
synchronous to the bus clock LCLK.
109
nReady
Return
nRDYRTN
I
Input.
This input is used to complete
synchronous read cycles. In EISA burst
mode it is sampled on falling LCLK edges,
and synchronous cycles are delayed until it
is sampled high.
176
187-189
Interrupt
INT0-INT3
O24
Outputs.
Only one of these interrupts is
selected to be used; the other three are tri-
stated. The selection is determined by the
value
of
INT
SEL1-0
bits
in
the
Configuration Register.


Similar Part No. - LAN91C100

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C100-FD SMSC-LAN91C100-FD Datasheet
585Kb / 79P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100-FD SMSC-LAN91C100-FD Datasheet
354Kb / 67P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100-FD SMSC-LAN91C100-FD Datasheet
456Kb / 78P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100-FD SMSC-LAN91C100-FD Datasheet
501Kb / 77P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100-FD-SS SMSC-LAN91C100-FD-SS Datasheet
354Kb / 67P
   FEAST Fast Ethernet Controller with Full Duplex Capability
More results

Similar Description - LAN91C100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMC91C100 ETC1-SMC91C100 Datasheet
411Kb / 83P
   FEAST Fast Ethernet Controller
logo
SMSC Corporation
LAN91C100FDREVD SMSC-LAN91C100FDREVD Datasheet
585Kb / 79P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD_0601 SMSC-LAN91C100FD_0601 Datasheet
456Kb / 78P
   FEAST Fast Ethernet Controller with Full Duplex Capability
91C100FDREVB SMSC-91C100FDREVB Datasheet
423Kb / 68P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD SMSC-LAN91C100FD_06 Datasheet
354Kb / 67P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100FD SMSC-LAN91C100FD_08 Datasheet
501Kb / 77P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C110 SMSC-LAN91C110_08 Datasheet
381Kb / 56P
   FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
LAN91C110 SMSC-LAN91C110 Datasheet
482Kb / 55P
   FEAST FAST ETHERNET CONTROLLER FOR PCMCIA AND GENERIC 16-BIT APPLICATIONS
logo
Intel Corporation
82551IT INTEL-82551IT Datasheet
736Kb / 102P
   Fast Ethernet PCI Controller
logo
ASIX Electronics Corpor...
AX88140A ASIX-AX88140A Datasheet
467Kb / 46P
   Fast Ethernet MAC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com