Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6A2 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 6A2
Description  6.0A SILICON RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

6A2 Datasheet(HTML) 3 Page - Diodes Incorporated

  6A2 Datasheet HTML 1Page - Diodes Incorporated 6A2 Datasheet HTML 2Page - Diodes Incorporated 6A2 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes:
2. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
DS28009 Rev. 7 - 2
3 of 3
6A05 - 6A10
www.diodes.com
Ordering Information
Device
Packaging
Shipping
6A05-T
R-6
500/Tape & Reel, 13-inch
6A1-T
R-6
500/Tape & Reel, 13-inch
6A2-T
R-6
500/Tape & Reel, 13-inch
6A4-T
R-6
500/Tape & Reel, 13-inch
6A6-T
R-6
500/Tape & Reel, 13-inch
6A8-T
R-6
500/Tape & Reel, 13-inch
6A10-T
R-6
500/Tape & Reel, 13-inch
(Note 2)


Similar Part No. - 6A2

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
6A2 RECTRON-6A2 Datasheet
24Kb / 2P
   SILICON RECTIFIER
logo
Rugao Dachang Electroni...
6A2 DACHANG-6A2 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
MIC GROUP RECTIFIERS
6A2 MIC-6A2 Datasheet
60Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Micro Commercial Compon...
6A2 MCC-6A2 Datasheet
273Kb / 4P
   6 Amp Rectifier 50 - 1000 Volts
logo
Shenzhen Taychipst Elec...
6A2 TAYCHIPST-6A2 Datasheet
971Kb / 2P
   GENERAL PURPOSE RECTIFIERS
More results

Similar Description - 6A2

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P600A WTE-P600A Datasheet
36Kb / 3P
   6.0A SILICON RECTIFIER
logo
Diodes Incorporated
6A05 DIODES-6A05 Datasheet
62Kb / 2P
   6.0A SILICON RECTIFIER
DS28009 Rev. F-2
6A05 DIODES-6A05_2 Datasheet
90Kb / 3P
   6.0A SILICON RECTIFIER
DS28009 Rev. 9 - 2
6A05 DIODES-6A05_15 Datasheet
90Kb / 3P
   6.0A SILICON RECTIFIER
logo
Naina Semiconductor ltd...
6A05 NAINA-6A05_17 Datasheet
113Kb / 2P
   Silicon Rectifier, 6.0A
6A05 NAINA-6A05 Datasheet
113Kb / 2P
   Silicon Rectifier, 6.0A
logo
SUNMATE electronic Co.,...
MR750 SUNMATE-MR750 Datasheet
217Kb / 2P
   6.0A Axial Leaded Silicon Rectifier
logo
Diodes Incorporated
LT6A01 DIODES-LT6A01 Datasheet
52Kb / 2P
   6.0A RECTIFIER
DS28008 Rev. G-3
logo
TAITRON Components Inco...
TB605 TAITRON-TB605 Datasheet
176Kb / 4P
   6.0A Single-Phase Silicon Bridge Rectifier
logo
Diodes Incorporated
PBU601 DIODES-PBU601 Datasheet
61Kb / 2P
   6.0A BRIDGE RECTIFIER
DS21307 Rev. F-2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com