Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C100FD Datasheet(PDF) 5 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST Fast Ethernet Controller with Full Duplex Capability
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 5 Page - SMSC Corporation

  LAN91C100FD Datasheet HTML 1Page - SMSC Corporation LAN91C100FD Datasheet HTML 2Page - SMSC Corporation LAN91C100FD Datasheet HTML 3Page - SMSC Corporation LAN91C100FD Datasheet HTML 4Page - SMSC Corporation LAN91C100FD Datasheet HTML 5Page - SMSC Corporation LAN91C100FD Datasheet HTML 6Page - SMSC Corporation LAN91C100FD Datasheet HTML 7Page - SMSC Corporation LAN91C100FD Datasheet HTML 8Page - SMSC Corporation LAN91C100FD Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
SMSC DS – LAN91C100FD Rev. D
Page 5
Rev. 01-20-06
DATASHEET
Chapter 1
General Description
The LAN91C100FD is designed to facilitate the implementation of first generation Fast Ethernet adapters
and connectivity products. For this first generation of products, flexibility dominates over integration. The
LAN91C100FD is a digital device that implements the MAC portion of the CSMA/CD protocol at 10 and
100 Mbps, and couples it with a lean and fast data and control path system architecture to ensure the CPU
to packet RAM data movement does not cause a bottleneck at 100 Mbps.
Total memory size is 128 Kbytes, equivalent to a total chip storage (transmit plus receive) of 64 outstanding
packets. The LAN91C100FD is software compatible with the LAN9000 family of products and can use existing
LAN9000 drivers (ODI, IPX, and NDIS) in 16 and 32 bit Intel X86 based environments.
Memory management is handled using a unique MMU (Memory Management Unit) architecture and a 32-
bit wide data path.
This I/O mapped architecture can sustain back-to-back frame transmission and
reception for superior data throughput and optimal performance. It also dynamically allocates buffer
memory in an efficient buffer utilization scheme, reducing software tasks and relieving the host CPU from
performing these housekeeping functions. The total memory size is 128 Kbytes (external), equivalent to a
total chip storage (transmit and receive) of 64 outstanding packets.
FEAST provides a flexible slave interface for easy connectivity with industry-standard buses. The Bus
Interface Unit (BIU) can handle synchronous as well as asynchronous buses, with different signals being
used for each one. FEAST's bus interface supports synchronous buses like the VESA local bus, as well
as burst mode DMA for EISA environments. Asynchronous bus support for ISA is supported even though
ISA cannot sustain 100 Mbps traffic. Fast Ethernet could be adopted for ISA-based nodes on the basis of
the aggregate traffic benefits.
Two different interfaces are supported on the network side. The first is a conventional seven wire ENDEC
interface that connects to the LAN83C694 for 10BASE-T and coax 10 Mbps Ethernet networks. The second
interface follows the MII (Media Independent Interface) specification draft standard, consisting of 4 bit wide
data transfers at the nibble rate. This interface is applicable to 10 Mbps or 100 Mbps networks. Three of the
LAN91C100FD’s pins are used to interface to the two-line MII serial management protocol. Four I/O ports
(one input and three output pins) are provided for LAN83C694 configuration.
The LAN91C100FD is based on the LAN91C100 FEAST, functional revision G modified to add full duplex
capability.
Also added is a software-controlled option to allow collisions to discard receive packets.
Previously, the LAN91C100 supported a “Diagnostic Full Duplex” mode. Under this mode the transmit
packet is looped internally and received by the MAC. This mode was enabled using the FDUPLX bit in the
TCR.
In order to avoid confusion, the new, broader full duplex function of the LAN91C100FD is
designated as Switched Full Duplex, and the TCR bit enabling it is designated as SWFDUP. When the
LAN91C100FD is configured for SWFDUP, its transmit and receive paths will operate independently and
some CSMA/CD functions will be disabled. When the controller is not configured for SWFDUP it will follow
the CSMA/CD protocol.


Similar Part No. - LAN91C100FD

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C100FD SMSC-LAN91C100FD Datasheet
423Kb / 68P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD SMSC-LAN91C100FD Datasheet
585Kb / 79P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD SMSC-LAN91C100FD Datasheet
354Kb / 67P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100FD SMSC-LAN91C100FD Datasheet
501Kb / 77P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100FDREVB SMSC-LAN91C100FDREVB Datasheet
423Kb / 68P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
More results

Similar Description - LAN91C100FD

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C100FDREVD SMSC-LAN91C100FDREVD Datasheet
585Kb / 79P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
91C100FDREVB SMSC-91C100FDREVB Datasheet
423Kb / 68P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD SMSC-LAN91C100FD_06 Datasheet
354Kb / 67P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100FD SMSC-LAN91C100FD_08 Datasheet
501Kb / 77P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100 SMSC-LAN91C100 Datasheet
347Kb / 101P
   FEAST??Fast Ethernet Controller
logo
List of Unclassifed Man...
SMC91C100 ETC1-SMC91C100 Datasheet
411Kb / 83P
   FEAST Fast Ethernet Controller
RTL8029AS ETC2-RTL8029AS Datasheet
578Kb / 41P
   Realtek PCI Full-Duplex Ethernet Controller with built-in SRAM
logo
Realtek Semiconductor C...
RTL8019AS REALTEK-RTL8019AS Datasheet
642Kb / 51P
   Realtek Full-Duplex Ethernet Controller with Plug and Play Function
logo
SMSC Corporation
LAN91C110 SMSC-LAN91C110_08 Datasheet
381Kb / 56P
   FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
LAN91C96I SMSC-LAN91C96I_07 Datasheet
547Kb / 109P
   Non-PCI Single-Chip Full Duplex Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com