Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB97C100 Datasheet(PDF) 7 Page - SMSC Corporation

Part # USB97C100
Description  Multi-Endpoint USB Peripheral Controller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C100 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button USB97C100 Datasheet HTML 3Page - SMSC Corporation USB97C100 Datasheet HTML 4Page - SMSC Corporation USB97C100 Datasheet HTML 5Page - SMSC Corporation USB97C100 Datasheet HTML 6Page - SMSC Corporation USB97C100 Datasheet HTML 7Page - SMSC Corporation USB97C100 Datasheet HTML 8Page - SMSC Corporation USB97C100 Datasheet HTML 9Page - SMSC Corporation USB97C100 Datasheet HTML 10Page - SMSC Corporation USB97C100 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
SMSC DS – USB97C100
Page 7
Rev. 01/03/2001
QFP PIN
NUMBER
SYMBOL
PIN DESCRIPTION
BUFFER
TYPE
27
PWRGD
Active high input.
This signal is used to indicate to that chip that a good power
level has been reached. When inactive/low, all pins are Tri-
stated except TST_OUT and a POR is generated.
I
28
RESET_IN
Power on reset; active high
This signal is used by the system to reset the chip. It also
generates an internal POR.
I
29
TST_OUT
AND tree output
This signal is used for testing the chip via an internal AND tree.
O8
26
nTEST
Test input
This signal is a manufacturing test pin. User can pull it high or
leave it unconnected.
IP
[96:81]
NC
No connect
BUFFER TYPE DESCRIPTIONS
Table 2 - USB97C100 Buffer Type Description
BUFFER
DESCRIPTION
I
Input (no pull-up)
IP
Input 90µA with internal pull-up
O8
Output with 8mA drive
I/O8
Input/output with 8mA drive
I/O16
Input/output with 16mA drive
O24
Output, 24mA sink, 12mA source.
I/ODP24
Input/Output drain , 24mA sink, 12mA source with 90µA pull-up
ICLKx
XTAL clock input
OCLKx
XTAL clock output
ICLK
Clock input (TTL levels)
I/O-U
Defined in USB specification; uses VCC3.3
Note: These DC Characteristics/drive strengths apply to 5V operation only. See the DC Characteristics section for
additional details.


Similar Part No. - USB97C100

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB97C102 SMSC-USB97C102 Datasheet
521Kb / 80P
   Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
More results

Similar Description - USB97C100

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB97C102 SMSC-USB97C102 Datasheet
521Kb / 80P
   Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
logo
List of Unclassifed Man...
NET2272 ETC2-NET2272 Datasheet
560Kb / 102P
   USB 2.0 Peripheral Controller
logo
Cypress Semiconductor
CY7C63411 CYPRESS-CY7C63411 Datasheet
297Kb / 36P
   Low-speed USB Peripheral Controller
CY7C63221 CYPRESS-CY7C63221 Datasheet
1Mb / 50P
   Low-speed USB Peripheral Controller
logo
NXP Semiconductors
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
logo
Cypress Semiconductor
CY7C63221A CYPRESS-CY7C63221A_04 Datasheet
966Kb / 50P
   Low-speed USB Peripheral Controller
logo
NXP Semiconductors
ISP1583 NXP-ISP1583 Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
logo
Cypress Semiconductor
CY7C632XX CYPRESS-CY7C632XX Datasheet
44Kb / 3P
   Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
logo
Texas Instruments
TUSB6015 TI-TUSB6015 Datasheet
694Kb / 28P
[Old version datasheet]   USB 2.0 High Speed Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com