Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N1N3G Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 1N1N3G
Description  3.0A GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N1N3G Datasheet(HTML) 1 Page - Diodes Incorporated

  1N1N3G Datasheet HTML 1Page - Diodes Incorporated 1N1N3G Datasheet HTML 2Page - Diodes Incorporated 1N1N3G Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS29003 Rev. 6 - 2
1 of 3
1N5400G-1N5408G
www.diodes.com
ã Diodes Incorporated
1N5400G - 1N5408G
3.0A GLASS PASSIVATED RECTIFIER
Features
DO-201AD
Dim
Min
Max
A
25.40
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Glass Passivated Die Construction
·
High Current Capability and Low Forward Voltage Drop
·
Surge Overload Rating to 125A Peak
·
Lead Free Finish, RoHS Compliant (Note 4)
Mechanical Data
·
Case: DO-201AD
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Tin. Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Ordering Information: See Last Page
·
Marking: Type Number
·
Weight: 1.12 grams (approximate)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
1N
5400G
1N
5401G
1N
5402G
1N
5403G
1N
5404G
1N
5405G
1N
5406G
1N
5407G
1N
5408G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
500
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
350
420
580
700
V
Average Rectified Output Current
(Note 1)
@ TA = 55°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load
IFSM
125
A
Forward Voltage
@ IF = 3.0A
VFM
1.1
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage
@ TA = 125°C
IRM
5.0
100
mA
Reverse Recovery Time (Note 3)
trr
2.0
ms
Typical Total Capacitance (Note 2)
CT
40
pF
Typical Thermal Resistance Junction to Ambient
RqJA
32
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A.
4. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.


Similar Part No. - 1N1N3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N100 MICROSEMI-1N100 Datasheet
62Kb / 1P
   Optimized for Radio Frequency Response
logo
List of Unclassifed Man...
1N100 ETC-1N100 Datasheet
70Kb / 1P
   GOLD BONDED GERMANIUM DIODE
1N100 ETC-1N100 Datasheet
2Mb / 78P
   GOLD BONDED DIODES
logo
American Microsemicondu...
1N100 AMMSEMI-1N100 Datasheet
442Kb / 1P
   MEDIUM AND LOW VOLTAGE GERMANIUM DIODES
logo
Microsemi Corporation
1N100A MICROSEMI-1N100A Datasheet
62Kb / 1P
   Optimized for Radio Frequency Response
More results

Similar Description - 1N1N3G

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
PG5400 ZSELEC-PG5400 Datasheet
128Kb / 2P
   3.0A GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
1N5400G DIODES-1N5400G_15 Datasheet
68Kb / 3P
   3.0A GLASS PASSIVATED RECTIFIER
1N5400G DIODES-1N5400G Datasheet
59Kb / 2P
   3.0A GLASS PASSIVATED RECTIFIER
DS29003 Rev. D-2
1N5400G DIODES-1N5400G_12 Datasheet
68Kb / 3P
   3.0A GLASS PASSIVATED RECTIFIER
logo
TAITRON Components Inco...
T3A05G TAITRON-T3A05G Datasheet
169Kb / 5P
   3.0A Glass Passivated Rectifier
GP30A TAITRON-GP30A Datasheet
132Kb / 4P
   3.0A Sintered Glass Passivated Rectifier
logo
DONGGUAN YOU FENG WEI E...
KBP301 YFWDIODE-KBP301_V02 Datasheet
586Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP301 YFWDIODE-KBP301_V01 Datasheet
478Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
TT3A ZSELEC-TT3A Datasheet
118Kb / 2P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
KBPC300G WTE-KBPC300G Datasheet
34Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com