Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1023-1-ACZL-TR Datasheet(PDF) 9 Page - SMSC Corporation

Part # EMC1023-1-ACZL-TR
Description  1째C Triple Temperature Sensor with Resistance Error Correction
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1023-1-ACZL-TR Datasheet(HTML) 9 Page - SMSC Corporation

Back Button EMC1023-1-ACZL-TR Datasheet HTML 5Page - SMSC Corporation EMC1023-1-ACZL-TR Datasheet HTML 6Page - SMSC Corporation EMC1023-1-ACZL-TR Datasheet HTML 7Page - SMSC Corporation EMC1023-1-ACZL-TR Datasheet HTML 8Page - SMSC Corporation EMC1023-1-ACZL-TR Datasheet HTML 9Page - SMSC Corporation EMC1023-1-ACZL-TR Datasheet HTML 10Page - SMSC Corporation EMC1023-1-ACZL-TR Datasheet HTML 11Page - SMSC Corporation EMC1023-1-ACZL-TR Datasheet HTML 12Page - SMSC Corporation EMC1023-1-ACZL-TR Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
1°C Triple Temperature Sensor with Resistance Error Correction
Datasheet
SMSC EMC1023
9
Revision 1.2 (02-05-07)
DATASHEET
Chapter 4 Product Description
The EMC1023 is an SMBus sensor that is capable of monitoring three temperature zones for use in
a personal computer or embedded environment. The part may be used as a companion to one of
SMSC’s broad line of SIO host circuits, or other devices capable of performing the SMBus host
function.
Figure 4.1 System Overview
In cooperation with the host device, thermal management can be performed as outlined in Figure 4.1
above. Thermal management consists of the host reading the temperature data from the remote and
internal temperature diodes of the EMC1023 and controlling the speed of one or multiple fans. Since
the EMC1023 incorporates one internal and two external temperature diodes, three separate thermal
zones can be monitored and controlled with this application. Also, measured temperature levels can
quickly be compared to preset limits within the host device which in turn will take the appropriate action
when values are found to be out of limit.
The EMC1023 has two basic modes of operation:
Run Mode: In this mode, the EMC1023 continuously converts temperature data and updates its
registers. The conversion rate is configured by the lower bits in the configuration register as
described in Section Table 4.8, "Configuration Register, Conversion Rate," on page 14.
Standby Mode: In this mode, the EMC1023 is powered down, drawing a maximum current of only
3uA. The SMBus is still operational and a one-shot command can be given which will force the
circuit to complete one full set of temperature conversions. The EMC1023 will return to Standby
Mode after the one shot conversion has finished.
4.1
Temperature Monitors
Thermal diode temperature measurements are based on the change in forward bias voltage (
ΔVBE) of
a diode when operated at two different currents:
The change in
ΔV
BE voltage is proportional to absolute temperature T.
where:
k = Boltzmann’s constant
T = absolute temperature in Kelvin
q = electron charge
η = diode ideality factor
EMC1023
Host
(SMSC SIO)
SMBus
Interface
DP1
DN1
SMBus
Internal
Diode
DP2
DN2
⎟⎟
⎜⎜
=
=
Δ
LOW
HIGH
LOW
BE
HIGH
BE
BE
I
I
q
kT
V
V
V
ln
_
_
η


Similar Part No. - EMC1023-1-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1023-1-ACZL-TR SMSC-EMC1023-1-ACZL-TR Datasheet
436Kb / 19P
   1째C Triple Temperature Sensor with Resistance Error Correction
More results

Similar Description - EMC1023-1-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1023 SMSC-EMC1023 Datasheet
436Kb / 19P
   1째C Triple Temperature Sensor with Resistance Error Correction
EMC1033 SMSC-EMC1033_07 Datasheet
824Kb / 25P
   1째C Triple SMBus Sensor with Resistance Error Correction
EMC1002 SMSC-EMC1002_06 Datasheet
792Kb / 22P
   1째C Dual SMBus Sensor with Resistance Error Correction
EMC1033 SMSC-EMC1033 Datasheet
514Kb / 4P
   1 C Triple SMBus Sensor with Resistance Error Correction
EMC1053 SMSC-EMC1053_07 Datasheet
574Kb / 26P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1053 SMSC-EMC1053 Datasheet
415Kb / 24P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1043 SMSC-EMC1043_08 Datasheet
443Kb / 29P
   1째C Triple Temperature Sensor
EMC1063 SMSC-EMC1063_08 Datasheet
410Kb / 26P
   1째C Triple Temperature Sensor
EMC1053 SMSC-EMC1053_08 Datasheet
437Kb / 28P
   1째C Triple Temperature Sensor
EMC1002 SMSC-EMC1002 Datasheet
458Kb / 4P
   1C Dual SmBus Sensor with Resistance Error Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com