Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1033 Datasheet(PDF) 5 Page - SMSC Corporation

Part # EMC1033
Description  1째C Triple SMBus Sensor with Resistance Error Correction
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1033 Datasheet(HTML) 5 Page - SMSC Corporation

  EMC1033_07 Datasheet HTML 1Page - SMSC Corporation EMC1033_07 Datasheet HTML 2Page - SMSC Corporation EMC1033_07 Datasheet HTML 3Page - SMSC Corporation EMC1033_07 Datasheet HTML 4Page - SMSC Corporation EMC1033_07 Datasheet HTML 5Page - SMSC Corporation EMC1033_07 Datasheet HTML 6Page - SMSC Corporation EMC1033_07 Datasheet HTML 7Page - SMSC Corporation EMC1033_07 Datasheet HTML 8Page - SMSC Corporation EMC1033_07 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
1°C Triple SMBus Sensor with Resistance Error Correction
Datasheet
SMSC EMC1033
5
Revision 1.1 (01-19-07)
DATASHEET
Chapter 2 Electrical Characteristics
Table 2.1 Electrical Characteristics
VDD=3.0V to 3.6V, TA= -40°C to +125°C, Typical values at TA = 27°C unless otherwise noted
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
DC Power
Supply Voltage
VDD
3.0
3.3
3.6
V
Average Operating Current
IDD
47
TBD
μA
0.0625 conversions/s
See Table 4.7,
“Conversion Rates,”
on page 17
IPD
4.8
10
μA
Standby mode
Internal Temperature Monitor
Temperature Accuracy
± 1
± 3
°C0°C≤TA≤80°C
Temperature Resolution
0.5
°C
External Temperature Monitor
Temperature Accuracy
Remote Diode 40
°C to 80°C
Remote Diode 0
°C to 125°C
± 1
± 3
°C
°C
15
°C≤TA≤70°C
-40
°C≤TA≤125°C
Temperature Resolution
0.125
°C
Voltage Tolerance
Voltage at pin (ADDR/THERM, )VTOL
-0.3
3.6
V
Voltage at pin (ALERT/THERM2,
SMDATA,SMCLK)
VTOL
-0.3
5.5
V
Digital Outputs (ADDR/THERM, ALERT/THERM2)
Output Low Voltage
VOL
0.4
V
IOUT=-4mA
High Level Leakage Current
IOH
0.1
1
μA
VOUT=VDD
SMBus Interface (SMDATA,SMCLK)
Input High Level
VIH
2.0
V
Input Low Level
VIL
0.8
V
Input High/Low Current
IIH/IIL
-1
1
μA
Hysteresis
500
mV
Input Capacitance
5
pF
Output Low Sink Current
6
mA
SMDATA = 0.6V
SMBus Timing
Clock Frequency
FSMB
10
400
kHz
Spike Suppression
50
ns


Similar Part No. - EMC1033_07

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1033 SMSC-EMC1033_08 Datasheet
226Kb / 24P
   1째C Triple SMBus Sensor
More results

Similar Description - EMC1033_07

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1002 SMSC-EMC1002_06 Datasheet
792Kb / 22P
   1째C Dual SMBus Sensor with Resistance Error Correction
EMC1023 SMSC-EMC1023_07 Datasheet
431Kb / 19P
   1째C Triple Temperature Sensor with Resistance Error Correction
EMC1023 SMSC-EMC1023 Datasheet
436Kb / 19P
   1째C Triple Temperature Sensor with Resistance Error Correction
EMC1033 SMSC-EMC1033 Datasheet
514Kb / 4P
   1 C Triple SMBus Sensor with Resistance Error Correction
EMC1002 SMSC-EMC1002 Datasheet
458Kb / 4P
   1C Dual SmBus Sensor with Resistance Error Correction
EMC1033 SMSC-EMC1033_08 Datasheet
226Kb / 24P
   1째C Triple SMBus Sensor
EMCT03 SMSC-EMCT03_05 Datasheet
385Kb / 16P
   1째C Triple SMBus Temperature Sensor
EMC1053 SMSC-EMC1053_07 Datasheet
574Kb / 26P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1053 SMSC-EMC1053 Datasheet
415Kb / 24P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1002 SMSC-EMC1002_07 Datasheet
347Kb / 21P
   1째C Dual SMBus Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com