Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2A02G Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2A02G
Description  2.0A GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2A02G Datasheet(HTML) 1 Page - Diodes Incorporated

  2A02G Datasheet HTML 1Page - Diodes Incorporated 2A02G Datasheet HTML 2Page - Diodes Incorporated 2A02G Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS29006 Rev. 4 - 2
1 of 3
2A01G-2A07G
www.diodes.com
ã Diodes Incorporated
2A01G - 2A07G
2.0A GLASS PASSIVATED RECTIFIER
Features
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
B
5.50
7.62
C
0.686
0.889
D
2.60
3.6
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Glass Passivated Die Construction
·
High Current Capability and Low Forward Voltage Drop
·
Surge Overload Rating to 65A Peak
·
Lead Free Finish, RoHS Compliant (Note 3)
Mechanical Data
·
Case: DO-15
·
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish – Tin. Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode Band
·
Marking: Type Number
·
Weight: 0.4 grams (approximate)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol 2A01G
2A02G
2A03G
2A04G
2A05G
2A06G
2A07G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@ TA = 55°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
IFSM
65
A
Forward Voltage
@ IF = 2.0A
VFM
1.1
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage
@ TA = 100°C
IRM
5.0
200
µA
I2t Rating For Fusing
I2t
17.5
A2s
Typical Total Capacitance (Note 2)
CT
40
pF
Typical Thermal Resistance Junction to Ambient
RqJA
60
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +175
°C
Notes:
1.
Leads maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.


Similar Part No. - 2A02G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2A02G DIODES-2A02G Datasheet
59Kb / 2P
   2.0A GLASS PASSIVATED RECTIFIER
DS29006 Rev. B-2
logo
Taiwan Semiconductor Co...
2A02G TSC-2A02G Datasheet
59Kb / 2P
   2.0 AMPS. Glass Passivated Rectifiers
2A02G TSC-2A02G Datasheet
224Kb / 2P
   2.0 AMPS. Glass Passivated Rectifiers
2A02G TSC-2A02G Datasheet
499Kb / 2P
   2.0 AMPS. Glass Passivated Rectifiers
2A02G TSC-2A02G Datasheet
202Kb / 4P
   Glass Passivated Rectifiers
More results

Similar Description - 2A02G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2A01G DIODES-2A01G Datasheet
59Kb / 2P
   2.0A GLASS PASSIVATED RECTIFIER
DS29006 Rev. B-2
logo
TAITRON Components Inco...
T2A05G TAITRON-T2A05G Datasheet
173Kb / 5P
   2.0A Glass Passivated Rectifier
logo
Zibo Seno Electronic En...
PG201 ZSELEC-PG201 Datasheet
134Kb / 2P
   2.0A GLASS PASSIVATED RECTIFIER
logo
Won-Top Electronics
KBP200G WTE-KBP200G Datasheet
37Kb / 3P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB202 YFWDIODE-DB202 Datasheet
437Kb / 3P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
GP20A TAITRON-GP20A Datasheet
132Kb / 4P
   2.0A Sintered Glass Passivated Rectifier
logo
Zibo Seno Electronic En...
DBF205 ZSELEC-DBF205 Datasheet
162Kb / 2P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
D2KB1 YFWDIODE-D2KB1 Datasheet
469Kb / 3P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP201 YFWDIODE-KBP201 Datasheet
875Kb / 3P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBP2005G DIODES-KBP2005G_V01 Datasheet
340Kb / 5P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
June 2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com