Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE110A-T Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 1.5KE110A-T
Description  1500W TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1.5KE110A-T Datasheet(HTML) 2 Page - Diodes Incorporated

  1.5KE110A-T Datasheet HTML 1Page - Diodes Incorporated 1.5KE110A-T Datasheet HTML 2Page - Diodes Incorporated 1.5KE110A-T Datasheet HTML 3Page - Diodes Incorporated 1.5KE110A-T Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS21503 Rev. 10 - 2
2 of 4
1.5KE6V8(C)A - 1.5KE400(C)A
www.diodes.com
Type
Number
(Note 1)
Type
Number
(Note 1)
Reverse
Standoff
Voltage
Breakdown Voltage
VBR @ IT
Test
Current
Max.
Reverse
Leakage
(Note 2)
@VR
Max.
Clamping
Voltage
@Ipp
Max.
Peak
Pulse
Current
Max.
Voltage
Temp.
Variation
of VBR
(UNI)
(BI)
VRWM (V)
Min (V)
Max (V)
It (mA)
IR
(mA)
VC (V)
IPP (A)
%/°C
1.5KE6V8A
1.5KE6V8CA
5.80
6.45
7.14
10
1000
10.5
143.0
0.057
1.5KE7V5A
1.5KE7V5CA
6.40
7.13
7.88
10
500
11.3
132.0
0.061
1.5KE8V2A
1.5KE8V2CA
7.02
7.79
8.61
10
200
12.1
124.0
0.065
1.5KE9V1A
1.5KE9V1CA
7.78
8.65
9.55
1.0
50
13.4
112.0
0.068
1.5KE10A
1.5KE10CA
8.55
9.50
10.50
1.0
10
14.5
103.0
0.073
1.5KE11A
1.5KE11CA
9.40
10.50
11.60
1.0
5.0
15.6
96.0
0.075
1.5KE12A
1.5KE12CA
10.20
11.40
12.60
1.0
5.0
16.7
90.0
0.078
1.5KE13A
1.5KE13CA
11.10
12.40
13.70
1.0
5.0
18.2
82.0
0.081
1.5KE15A
1.5KE15CA
12.80
14.30
15.80
1.0
5.0
21.2
71.0
0.084
1.5KE16A
1.5KE16CA
13.60
15.20
16.80
1.0
5.0
22.5
67.0
0.086
1.5KE18A
1.5KE18CA
15.30
17.10
18.90
1.0
5.0
25.2
59.5
0.088
1.5KE20A
1.5KE20CA
17.10
19.00
21.00
1.0
5.0
27.7
54.0
0.090
1.5KE22A
1.5KE22CA
18.80
20.90
23.10
1.0
5.0
30.6
49.0
0.092
1.5KE24A
1.5KE24CA
20.50
22.80
25.20
1.0
5.0
33.2
45.0
0.094
1.5KE27A
1.5KE27CA
23.10
25.70
28.40
1.0
5.0
37.5
40.0
0.096
1.5KE30A
1.5KE30CA
25.60
28.50
31.50
1.0
5.0
41.4
36.0
0.097
1.5KE33A
1.5KE33CA
28.20
31.40
34.70
1.0
5.0
45.7
33.0
0.098
1.5KE36A
1.5KE36CA
30.80
34.20
37.80
1.0
5.0
49.9
30.0
0.099
1.5KE39A
1.5KE39CA
33.30
37.10
41.00
1.0
5.0
53.9
28.0
0.100
1.5KE43A
1.5KE43CA
36.80
40.90
45.20
1.0
5.0
59.3
25.3
0.101
1.5KE47A
1.5KE47CA
40.20
44.70
49.40
1.0
5.0
64.8
23.2
0.101
1.5KE51A
1.5KE51CA
43.60
48.50
53.60
1.0
5.0
70.1
21.4
0.102
1.5KE56A
1.5KE56CA
47.80
53.20
58.80
1.0
5.0
77.0
19.5
0.103
1.5KE62A
1.5KE62CA
53.00
58.90
65.10
1.0
5.0
85.0
17.7
0.104
1.5KE68A
1.5KE68CA
58.10
64.60
71.40
1.0
5.0
92.0
16.3
0.104
1.5KE75A
1.5KE75CA
64.10
71.30
78.80
1.0
5.0
103.0
14.6
0.105
1.5KE82A
1.5KE82CA
70.10
77.90
86.10
1.0
5.0
113.0
13.3
0.105
1.5KE91A
1.5KE91CA
77.80
86.50
95.50
1.0
5.0
125.0
12.0
0.106
1.5KE100A
1.5KE100CA
85.50
95.00
105.00
1.0
5.0
137.0
11.0
0.106
1.5KE110A
1.5KE110CA
94.00
105.00
116.00
1.0
5.0
152.0
9.9
0.107
1.5KE120A
1.5KE120CA
102.00
114.00
126.00
1.0
5.0
165.0
9.1
0.107
1.5KE130A
1.5KE130CA
111.00
124.00
137.00
1.0
5.0
179.0
8.4
0.107
1.5KE150A
1.5KE150CA
128.00
143.00
158.00
1.0
5.0
207.0
7.2
0.108
1.5KE160A
1.5KE160CA
136.00
152.00
168.00
1.0
5.0
219.0
6.8
0.108
1.5KE170A
1.5KE170CA
145.00
162.00
179.00
1.0
5.0
234.0
6.4
0.108
1.5KE180A
1.5KE180CA
154.00
171.00
189.00
1.0
5.0
246.0
6.1
0.108
1.5KE200A
1.5KE200CA
171.00
190.00
210.00
1.0
5.0
274.0
5.5
0.108
1.5KE220A
1.5KE220CA
185.00
209.00
231.00
1.0
5.0
328.0
4.6
0.108
1.5KE250A
1.5KE250CA
214.00
237.00
263.00
1.0
5.0
344.0
5.0
0.110
1.5KE300A
1.5KE300CA
256.00
285.00
315.00
1.0
5.0
414.0
5.0
0.110
1.5KE350A
1.5KE350CA
300.00
332.00
368.00
1.0
5.0
482.0
4.0
0.110
1.5KE400A
1.5KE400CA
342.00
380.00
420.00
1.0
5.0
548.0
4.0
0.110
Notes:
1. Suffix ‘C’ denotes bi-directional device.
2.
For bi-directional devices having VR of 10 volts and under, the IR limit is doubled.


Similar Part No. - 1.5KE110A-T

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1.5KE110A-TP MCC-1.5KE110A-TP Datasheet
974Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
More results

Similar Description - 1.5KE110A-T

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com