Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1033-ACZT-TR Datasheet(PDF) 9 Page - SMSC Corporation

Part # EMC1033-ACZT-TR
Description  1째C Triple SMBus Sensor with Resistance Error Correction
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1033-ACZT-TR Datasheet(HTML) 9 Page - SMSC Corporation

Back Button EMC1033-ACZT-TR Datasheet HTML 5Page - SMSC Corporation EMC1033-ACZT-TR Datasheet HTML 6Page - SMSC Corporation EMC1033-ACZT-TR Datasheet HTML 7Page - SMSC Corporation EMC1033-ACZT-TR Datasheet HTML 8Page - SMSC Corporation EMC1033-ACZT-TR Datasheet HTML 9Page - SMSC Corporation EMC1033-ACZT-TR Datasheet HTML 10Page - SMSC Corporation EMC1033-ACZT-TR Datasheet HTML 11Page - SMSC Corporation EMC1033-ACZT-TR Datasheet HTML 12Page - SMSC Corporation EMC1033-ACZT-TR Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
1°C Triple SMBus Sensor with Resistance Error Correction
Datasheet
SMSC EMC1033
9
Revision 1.1 (01-19-07)
DATASHEET
Chapter 4 Product Description
The EMC1033 is an SMBus sensor that can monitor internal temperature and one or two remote diode
temperatures. The sensor is typically used with an SMBus host such as an SMSC SIO device or an
SMSC fan control chip.
Thermal management is performed in cooperation with the host device. The host reads the
temperature data from the EMC1033 and takes appropriate action such as controlling fan speed or
processor clock frequency. The EMC1033 has programmable temperature limit registers that define a
safe operating window. After the host has configured the temperature limits, the EMC1033 can perform
as a free-running independent watchdog to warn the host of temperature hot spots without requiring
the host to poll the device.
Figure 4.1 System Overview
Two separate temperature zones are monitored using only two pins on the EMC1033. This is
accomplished using two anti-parallel diodes as shown in Figure 4.1. This technique maintains high
accuracy while minimizing pin count and reducing board routing complexity. The anti-parallel diode
architecture performs very well with diode connected transistors. It is not compatible with substrate
transistors (sometimes called thermal diodes or on-chip sense junctions). See the complete list of
temperature sensor products available from SMSC for devices that can measure two or more remote
zones including substrate transistors. The connections for the two discrete transistors are shown in
Figure 4.2
Figure 4.2 Anti-parallel Diodes
The EMC1033 has
two basic modes of operation:
Run Mode: In this mode, the EMC1033 continuously converts temperature data and updates its
registers. The rate of temperature conversion is configured as shown in Section 4.12, "Conversion
Rate Register," on page 17.
Standby Mode: In this mode, the EMC1033 is placed in standby to conserve power as described
in Section 4.7, "Standby Mode," on page 13.
ADDR/THERM
ALERT/THERM2
Host
Fan
Driver
SMDATA
SMCLK
SMBus
Interface
EMC1033
DP1/DN2
DN1/DP2
Internal
Diode
Typical remote
discrete PNP transistor
i.e. 2N3906
Typical remote
discrete NPN transistor
i.e. 2N3904
to DP1/DN2
to DN1/DP2
to DP1/DN2
to DN1/DP2


Similar Part No. - EMC1033-ACZT-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1033-ACZB-TR SMSC-EMC1033-ACZB-TR Datasheet
514Kb / 4P
   1 C Triple SMBus Sensor with Resistance Error Correction
EMC1033-ACZL-TR SMSC-EMC1033-ACZL-TR Datasheet
226Kb / 24P
   1째C Triple SMBus Sensor
More results

Similar Description - EMC1033-ACZT-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1002 SMSC-EMC1002_06 Datasheet
792Kb / 22P
   1째C Dual SMBus Sensor with Resistance Error Correction
EMC1023 SMSC-EMC1023_07 Datasheet
431Kb / 19P
   1째C Triple Temperature Sensor with Resistance Error Correction
EMC1023 SMSC-EMC1023 Datasheet
436Kb / 19P
   1째C Triple Temperature Sensor with Resistance Error Correction
EMC1033 SMSC-EMC1033 Datasheet
514Kb / 4P
   1 C Triple SMBus Sensor with Resistance Error Correction
EMC1002 SMSC-EMC1002 Datasheet
458Kb / 4P
   1C Dual SmBus Sensor with Resistance Error Correction
EMC1033 SMSC-EMC1033_08 Datasheet
226Kb / 24P
   1째C Triple SMBus Sensor
EMCT03 SMSC-EMCT03_05 Datasheet
385Kb / 16P
   1째C Triple SMBus Temperature Sensor
EMC1053 SMSC-EMC1053_07 Datasheet
574Kb / 26P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1053 SMSC-EMC1053 Datasheet
415Kb / 24P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1002 SMSC-EMC1002_07 Datasheet
347Kb / 21P
   1째C Dual SMBus Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com