Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2A02-T Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 2A02-T
Description  2.0A RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2A02-T Datasheet(HTML) 3 Page - Diodes Incorporated

  2A02-T Datasheet HTML 1Page - Diodes Incorporated 2A02-T Datasheet HTML 2Page - Diodes Incorporated 2A02-T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS29008 Rev. 4 - 2
3 of 3
2A01-2A07
www.diodes.com
IMPORTANT NOTICE
LIFE SUPPORT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.


Similar Part No. - 2A02-T

ManufacturerPart #DatasheetDescription
logo
Surge Components
2A02 SURGE-2A02 Datasheet
123Kb / 2P
   2.0 AMPS. SILICON RECTIFIERS???
logo
Diodes Incorporated
2A02 DIODES-2A02 Datasheet
57Kb / 2P
   2.0A RECTIFIER
DS29008 Rev. B-2
logo
SEMTECH ELECTRONICS LTD...
2A02 SEMTECH_ELEC-2A02 Datasheet
242Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIERS
logo
RFE international
2A02 RFE-2A02 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose Rectifiers, 1 to 8 Amps
logo
Micro Commercial Compon...
2A02 MCC-2A02 Datasheet
419Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - 2A02-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2A01 DIODES-2A01 Datasheet
57Kb / 2P
   2.0A RECTIFIER
DS29008 Rev. B-2
logo
Zibo Seno Electronic En...
SF21 ZSELEC-SF21 Datasheet
110Kb / 2P
   2.0A SUPERFAST RECTIFIER
logo
Gaomi Xinghe Electronic...
RL201 GXELECTRONICS-RL201 Datasheet
312Kb / 2P
   2.0A SILICON RECTIFIER
logo
Zibo Seno Electronic En...
D2KB05 ZSELEC-D2KB05 Datasheet
117Kb / 2P
   2.0A BRIDGE RECTIFIER
2W05 ZSELEC-2W05 Datasheet
163Kb / 2P
   2.0A BRIDGE RECTIFIER
D2SB05 ZSELEC-D2SB05 Datasheet
84Kb / 2P
   2.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
2W005 WTE-2W005 Datasheet
46Kb / 3P
   2.0A BRIDGE RECTIFIER
RL201 WTE-RL201 Datasheet
40Kb / 3P
   2.0A SILICON RECTIFIER
logo
Sanyo Semicon Device
SB2003M SANYO-SB2003M_10 Datasheet
147Kb / 3P
   30V, 2.0A Rectifier
logo
Zibo Seno Electronic En...
UR2KB05 ZSELEC-UR2KB05 Datasheet
116Kb / 2P
   2.0A BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com