Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


IRFZ44NS Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. IRFZ44NS
Description  N-channel enhancement mode TrenchMOS transistor
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 1 page
background image
Philips Semiconductors
Product specification
N-channel enhancement mode
IRFZ44NS
TrenchMOS
TM transistor
GENERAL DESCRIPTION
QUICK REFERENCE DATA
N-channel
enhancement
mode
SYMBOL
PARAMETER
MAX.
UNIT
standard level field-effect power
transistor in a surface mounting
V
DS
Drain-source voltage
55
V
plastic
envelope
using
’trench’I
D
Drain current (DC)
49
A
technology. The device features very
P
tot
Total power dissipation
110
W
low on-state resistance and has
T
j
Junction temperature
175
˚C
integral zener diodes giving ESD
R
DS(ON)
Drain-source on-state
22
m
protection up to 2kV. It is intended for
resistance
V
GS = 10 V
use in switched mode power supplies
and
general
purpose
switching
applications.
PINNING - SOT404 (D
2PAK)
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
gate
2
drain
3
source
mb
drain
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Drain-source voltage
-
-
55
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-55
V
±V
GS
Gate-source voltage
-
-
20
V
I
D
Drain current (DC)
T
mb = 25 ˚C
-
49
A
I
D
Drain current (DC)
T
mb = 100 ˚C
-
35
A
I
DM
Drain current (pulse peak value)
T
mb = 25 ˚C
-
160
A
P
tot
Total power dissipation
T
mb = 25 ˚C
-
110
W
T
stg, Tj
Storage & operating temperature
-
- 55
175
˚C
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge capacitor
Human body model
-
2
kV
voltage, all pins
(100 pF, 1.5 k
Ω)
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction to
-
-
1.4
K/W
mounting base
R
th j-a
Thermal resistance junction to
Minimum footprint, FR4
50
-
K/W
ambient
board
d
g
s
13
mb
2
February 1999
1
Rev 1.000




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRFZ24NN-channel enhancement mode TrenchMOS transistor 1 2 3 4 5 MoreNXP Semiconductors
PH1955LLogic level N-channel enhancement mode Field-Effect Transistor FET in a plastic package using TrenchMOS technology. 1 2 3 4 5 MoreNXP Semiconductors
IRFZ44NN-channel enhancement mode TrenchMOS transistor 1 2 3 4 5 MoreNXP Semiconductors
PHN210Dual N-channel enhancement mode TrenchMOS transistor 1 2 3 4 5 MoreNXP Semiconductors
IRFZ48NN-channel enhancement mode TrenchMOS transistor 1 2 3 4 5 MoreNXP Semiconductors
IRLZ34NN-channel enhancement mode Logic level TrenchMOS transistor 1 2 3 4 5 MoreNXP Semiconductors
PHN70308N-channel enhancement mode TrenchMOS transistor array 1 2 3 4 5 MoreNXP Semiconductors
BSP100N-channel enhancement mode TrenchMOS transistor 1 2 3 4 5 MoreNXP Semiconductors
PHB191NQ06LTLogic level N-channel enhancement mode field-effect transistor in a plastic package using TrenchMOS technology 1 2 3 4 5 MoreNXP Semiconductors
BUK7520-55AN-channel enhancement mode field-effect power transistor in a plastic package using TrenchMOS technology featuring very low on-state resistance. 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl