Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1423-1-AIZL-TR Datasheet(PDF) 1 Page - SMSC Corporation

Part # EMC1423-1-AIZL-TR
Description  1째C Temperature Sensor with Hardware Thermal Shutdown
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1423-1-AIZL-TR Datasheet(HTML) 1 Page - SMSC Corporation

  EMC1423-1-AIZL-TR Datasheet HTML 1Page - SMSC Corporation EMC1423-1-AIZL-TR Datasheet HTML 2Page - SMSC Corporation EMC1423-1-AIZL-TR Datasheet HTML 3Page - SMSC Corporation EMC1423-1-AIZL-TR Datasheet HTML 4Page - SMSC Corporation EMC1423-1-AIZL-TR Datasheet HTML 5Page - SMSC Corporation EMC1423-1-AIZL-TR Datasheet HTML 6Page - SMSC Corporation EMC1423-1-AIZL-TR Datasheet HTML 7Page - SMSC Corporation EMC1423-1-AIZL-TR Datasheet HTML 8Page - SMSC Corporation EMC1423-1-AIZL-TR Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
SMSC EMC1423/EMC1424
DATASHEET
Revision 1.16 (03-15-07)
Datasheet
PRODUCT FEATURES
EMC1423/EMC1424
1°C Temperature
Sensor with Hardware
Thermal Shutdown
GENERAL DESCRIPTION
The EMC1423 and EMC1424 are high accuracy, low
cost, System Management Bus (SMBus) temperature
sensors. Advanced features such as Resistance Error
Correction (REC), Beta Compensation (to support 90nm
and 65nm CPU diodes) and automatic diode type
detection combine to provide a robust solution for
complex environmental monitoring applications.
Additionally, the EMC1423 and EMC1424 provide a
hardware programmable system shutdown feature that
is programmed at part power-up via two pull-up resistor
values and that cannot be masked or corrupted through
the SMBus.
Each device provides ±1° accuracy for external diode
temperatures and ±2°C accuracy for the internal diode
temperature. The EMC1423 monitors three temperature
channels (two external and one internal). The EMC1424
monitors four temperature channels (three external and
one internal).
Resistance Error Correction automatically eliminates the
temperature error caused by series resistance allowing
greater flexibility in routing thermal diodes. Beta
Compensation eliminates temperature errors caused by
low, variable beta transistors common in today's fine
geometry processors. The automatic beta detection
feature monitors each external diode/transistor and
determines the optimum sensor settings for accurate
temperature measurements regardless of processor
technology. This frees the user from providing unique
sensor configurations for each temperature monitoring
application. These advanced features plus ±1°C
measurement accuracy provide a low-cost, highly
flexible and accurate solution for critical temperature
monitoring applications.
APPLICATIONS
Notebook Computers
Desktop Computers
Industrial
Embedded applications
FEATURES
Hardware Thermal Shutdown
triggers dedicated SYS_SHDN pin
hardware configured range 77°C to 112°C in 1°C steps
cannot be disabled or modified by software
Support for 90nm and 65nm CPU diodes
Automatically determines external diode type and
optimal settings
Resistance Error Correction
External Temperature Monitors
±1°C Accuracy (60°C < TDIODE < 100°C)
0.125°C Resolution
Supports up to 2.2nF diode filter capacitor
Anti-parallel diodes for extra diode support
Internal Temperature Monitor
±2°C accuracy
3.3V Supply Voltage
Programmable temperature limits for ALERT
Small 10-lead MSOP Lead-free RoHS Compliant
Package
EMC1423/EMC1424 PIN DESCRIPTION
SMDATA
SMCLK
ALERT
VDD
DP1
DN1
DN2
DP2
SYS_SHDN
GND
1
2
3
4
5
10
9
8
7
6


Similar Part No. - EMC1423-1-AIZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1423-1-AIZL-TR SMSC-EMC1423-1-AIZL-TR Datasheet
812Kb / 51P
   1째C Temperature Sensor with Hardware Thermal Shutdown
More results

Similar Description - EMC1423-1-AIZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1422 SMSC-EMC1422_12 Datasheet
670Kb / 41P
   1째C Temperature Sensor with Hardware Thermal Shutdown
EMC1423 SMSC-EMC1423_12 Datasheet
812Kb / 51P
   1째C Temperature Sensor with Hardware Thermal Shutdown
EMC1422 SMSC-EMC1422_08 Datasheet
632Kb / 38P
   1째C Temperature Sensor with Hardware Thermal Shutdown
EMC1422 SMSC-EMC1422 Datasheet
638Kb / 36P
   1C Temperature Sensor with Hardware Thermal Shutdown
logo
Microchip Technology
EMC1428 MICROCHIP-EMC1428 Datasheet
564Kb / 53P
   1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
10/28/13
logo
SMSC Corporation
EMC1428 SMSC-EMC1428 Datasheet
764Kb / 47P
   1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
EMC1187 SMSC-EMC1187 Datasheet
525Kb / 47P
   Triple Channel 1째C Temperature Sensor with Hardware
logo
Microchip Technology
EMC1187 MICROCHIP-EMC1187 Datasheet
525Kb / 47P
   Triple Channel 1째C Temperature Sensor with Hardware
Revision 1.0 07-11-13
logo
SMSC Corporation
EMC1072 SMSC-EMC1072 Datasheet
630Kb / 36P
   1째C Temperature Sensor with Selectable Address
EMC1438 SMSC-EMC1438 Datasheet
866Kb / 48P
   1째C Multiple Temperature Sensor with Hardware Controlled Standby & Hottest of Multiple Zones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com