Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF544 Datasheet(PDF) 8 Page - Analog Devices

Part # ADSP-BF544
Description  Embedded Processor
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF544 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADSP-BF544 Datasheet HTML 4Page - Analog Devices ADSP-BF544 Datasheet HTML 5Page - Analog Devices ADSP-BF544 Datasheet HTML 6Page - Analog Devices ADSP-BF544 Datasheet HTML 7Page - Analog Devices ADSP-BF544 Datasheet HTML 8Page - Analog Devices ADSP-BF544 Datasheet HTML 9Page - Analog Devices ADSP-BF544 Datasheet HTML 10Page - Analog Devices ADSP-BF544 Datasheet HTML 11Page - Analog Devices ADSP-BF544 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
Rev. PrE
|
Page 8 of 68
|
April 2007
ADSP-BF542/4/8/9
Preliminary Technical Data
• Non-Maskable Interrupt (NMI). The NMI event can be
generated by the software watchdog timer or by the NMI
input signal to the processor. The NMI event is frequently
used as a power-down indicator to initiate an orderly shut-
down of the system.
• Exceptions. Events that occur synchronously to program
flow (that is, the exception is taken before the instruction is
allowed to complete). Conditions such as data alignment
violations and undefined instructions cause exceptions.
• Interrupts. Events that occur asynchronously to program
flow. They are caused by input pins, timers, and other
peripherals, as well as by an explicit software instruction.
Each event type has an associated register to hold the return
address and an associated return-from-event instruction. When
an event is triggered, the state of the processor is saved on the
supervisor stack.
The ADSP-BF542/4/8/9 processor event controller consists of
two stages, the core event controller (CEC) and the system
interrupt controller (SIC). The core event controller works with
the system interrupt controller to prioritize and control all sys-
tem events. Conceptually, interrupts from the peripherals enter
into the SIC, and are then routed directly into the general-pur-
pose interrupts of the CEC.
Core Event Controller (CEC)
The CEC supports nine general-purpose interrupts (IVG15–7),
in addition to the dedicated interrupt and exception events. Of
these general-purpose interrupts, the two lowest-priority inter-
rupts (IVG15–14) are recommended to be reserved for software
interrupt handlers, leaving seven prioritized interrupt inputs to
support the peripherals of the ADSP-BF542/4/8/9 processor.
Table 3 describes the inputs to the CEC, identifies their names
in the event vector table (EVT), and lists their priorities.
System Interrupt Controller (SIC)
The system interrupt controller provides the mapping and rout-
ing of events from the many peripheral interrupt sources to the
prioritized general-purpose interrupt inputs of the CEC.
Although the ADSP-BF542/4/8/9 processor provides a default
mapping, the user can alter the mappings and priorities of
interrupt events by writing the appropriate values into the inter-
rupt assignment registers (IAR). Table 4 describes the inputs
into the SIC and the default mappings into the CEC.
Table 3. Core Event Controller (CEC)
Priority
(0 is Highest)
Event Class
EVT Entry
0Emulation/Test Control
EMU
1Reset
RST
2
Non-Maskable Interrupt
NMI
3Exception
EVX
4Reserved
5
Hardware Error
IVHW
6
Core Timer
IVTMR
7
General Interrupt 7
IVG7
8
General Interrupt 8
IVG8
9
General Interrupt 9
IVG9
10
General Interrupt 10
IVG10
11
General Interrupt 11
IVG11
12
General Interrupt 12
IVG12
13
General Interrupt 13
IVG13
14
General Interrupt 14
IVG14
15
General Interrupt 15
IVG15
Table 4. System Interrupt Controller (SIC)
Peripheral IRQ
(IRQ) Source
IRQ
ID
GP IRQ
(at Reset)
Core
IRQ ID
PLL Wakeup IRQ
0
IVG7
0
DMAC0 Status (generic)
1
IVG7
0
EPPI0 Error IRQ
2
IVG7
0
SPORT0 Error IRQ
3
IVG7
0
SPORT1 Error IRQ
4
IVG7
0
SPI0 Status IRQ
5
IVG7
0
UART0 Status IRQ
6
IVG7
0
Real-Time Clock IRQ
7
IVG8
1
DMA12 IRQ (EPPI0)
8
IVG8
1
DMA0 IRQ (SPORT0 RX)
9
IVG9
2
DMA1 IRQ (SPORT0 TX)
10
IVG9
2
DMA2 IRQ (SPORT1 RX)
11
IVG9
2
DMA3 IRQ (SPORT1 TX)
12
IVG9
2
DMA4 IRQ (SPI0)
13
IVG10
3
DMA6 IRQ (UART0 RX)
14
IVG10
3
DMA7 IRQ (UART0 TX)
15
IVG10
3
Timer 8 IRQ
16
IVG11
4
Timer 9 IRQ
17
IVG11
4
Timer 10 IRQ
18
IVG11
4
Pin IRQ 0 (PINT0)
19
IVG12
5
Pin IRQ 1 (PINT1)
20
IVG12
5
MDMA Stream 0 IRQ
21
IVG13
6
MDMA Stream 1 IRQ
22
IVG13
6
Software Watchdog Timer IRQ
23
IVG13
6
DMAC1 Status (generic)
24
IVG7
0
SPORT2 Error IRQ
25
IVG7
0
SPORT3 Error IRQ
26
IVG7
0
MXVR Synchronous Data IRQ
27
IVG7
0
SPI1 Status IRQ
28
IVG7
0
SPI2 Status IRQ
29
IVG7
0
UART1 Status IRQ
30
IVG7
0
UART2 Status IRQ
31
IVG7
0


Similar Part No. - ADSP-BF544

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF544 AD-ADSP-BF544 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
ADSP-BF544 AD-ADSP-BF544 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-BF544BBCZ-4A AD-ADSP-BF544BBCZ-4A Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-BF544BBCZ-5A AD-ADSP-BF544BBCZ-5A Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-BF544MBBCZ-5M AD-ADSP-BF544MBBCZ-5M Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
More results

Similar Description - ADSP-BF544

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
   Embedded Processor
REV. C
ADSP-BF522C AD-ADSP-BF522C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
   Embedded Processor
REV. A
ADSP-21262 AD-ADSP-21262_05 Datasheet
1Mb / 48P
   Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-2101BS-100 AD-ADSP-2101BS-100 Datasheet
667Kb / 48P
   TigerSHARC Embedded Processor
REV. B
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com