Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF544 Datasheet(PDF) 11 Page - Analog Devices

Part # ADSP-BF544
Description  Embedded Processor
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF544 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADSP-BF544 Datasheet HTML 7Page - Analog Devices ADSP-BF544 Datasheet HTML 8Page - Analog Devices ADSP-BF544 Datasheet HTML 9Page - Analog Devices ADSP-BF544 Datasheet HTML 10Page - Analog Devices ADSP-BF544 Datasheet HTML 11Page - Analog Devices ADSP-BF544 Datasheet HTML 12Page - Analog Devices ADSP-BF544 Datasheet HTML 13Page - Analog Devices ADSP-BF544 Datasheet HTML 14Page - Analog Devices ADSP-BF544 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
ADSP-BF542/4/8/9
Preliminary Technical Data
Rev. PrE
|
Page 11 of 68
|
April 2007
external DDR, ROM, SRAM, and flash memory—with minimal
processor intervention. Like peripheral DMAs, memory DMA
transfers can be controlled by a very flexible descriptor-based
methodology or by a standard register-based autobuffer
mechanism.
The memory DMA channels of the DMAC1 controller
(MDMA2 and MDMA3) can be optionally controlled by the
external DMA request input pins. When used in conjunction
with the External Bus Interface Unit (EBIU), this so-called
Handshaked Memory DMA (HMDMA) scheme can be used to
efficiently exchange data with block-buffered or FIFO-style
devices connected externally. Users can select whether the DMA
request pins control the source or the destination side of the
memory DMA. It allows control of the number of data transfers
for memory DMA. The number of transfers per edge is pro-
grammable. This feature can be programmed to allow memory
DMA to have an increased priority on the external bus relative
to the core.
Host DMA Port Interface
The Host DMA port (HOSTDP) facilitates a host device exter-
nal to the ADSP-BF542/4/8/9 to be a DMA master and transfer
data back and forth. The host device always masters the transac-
tions and the processor is always a DMA slave device.
The HOSTDP port is enabled through the peripheral access bus.
Once the port has been enabled, the transaction are controlled
by the external host. The external host programs standard DMA
configuration words in order to send/receive data to any valid
internal or external memory location. The Host DMA Port con-
troller includes the following features:
• Allows an external master to configure DMA read/write
data transfers and read port status
• Uses a flexible asynchronous memory protocol for its
external interface
• Allows an 8- or 16-bit external data interface to the host
device
• Supports half-duplex operation
• Supports Little/Big Endian data transfers
• Acknowledge mode allows flow control on host
transactions
• Interrupt mode guarantees a burst of FIFO depth host
transactions
REAL-TIME CLOCK
The ADSP-BF542/4/8/9 processor Real-Time Clock (RTC) pro-
vides a robust set of digital watch features, including current
time, stopwatch, and alarm. The RTC is clocked by a
32.768 KHz crystal external to the ADSP-BF542/4/8/9 proces-
sors. The RTC peripheral has dedicated power supply pins so
that it can remain powered up and clocked even when the rest of
the processor is in a low-power state. The RTC provides several
programmable interrupt options, including interrupt per sec-
ond, minute, hour, or day clock ticks, interrupt on
programmable stopwatch countdown, or interrupt at a pro-
grammed alarm time.
The 32.768 KHz input clock frequency is divided down to a
1 Hz signal by a prescaler. The counter function of the timer
consists of four counters: a 60-second counter, a 60-minute
counter, a 24-hour counter, and an 32,768-day counter.
When enabled, the alarm function generates an interrupt when
the output of the timer matches the programmed value in the
alarm control register. There are two alarms: The first alarm is
for a time of day. The second alarm is for a day and time of that
day.
The stopwatch function counts down from a programmed
value, with one-second resolution. When the stopwatch is
enabled and the counter underflows, an interrupt is generated.
Like the other peripherals, the RTC can wake up the
ADSP-BF542/4/8/9 processor from sleep mode upon generation
of any RTC wakeup event. Additionally, an RTC wakeup event
can wake up the ADSP-BF542/4/8/9 processor from deep sleep
mode, and wake up the on-chip internal voltage regulator from
the hibernate operating mode.
Connect RTC pins RTXI and RTXO with external components
as shown in Figure 4.
WATCHDOG TIMER
The ADSP-BF542/4/8/9 processor includes a 32-bit timer that
can be used to implement a software watchdog function. A soft-
ware watchdog can improve system availability by forcing the
processor to a known state through generation of a hardware
reset, non-maskable interrupt (NMI), or general-purpose inter-
rupt, if the timer expires before being reset by software. The
programmer initializes the count value of the timer, enables the
appropriate interrupt, then enables the timer. Thereafter, the
software must reload the counter before it counts to zero from
the programmed value. This protects the system from remain-
ing in an unknown state where software, which would normally
reset the timer, has stopped running due to an external noise
condition or software error.
Figure 4. External Components for RTC
RTXO
C1
C2
X1
SUGGESTED COMPONENTS:
ECLIPTEK EC38J (THROUGH-HOLE PACKAGE)
EPSON MC405 12 PF LOAD (SURFACE MOUNT PACKAGE)
C1 = 22 PF
C2 = 22 PF
R1 = 10 M
NOTE: C1 AND C2 ARE SPECIFIC TO CRYSTAL SPECIFIED FOR X1.
CONTACT CRYSTAL MANUFACTURER FOR DETAILS. C1 AND C2
SPECIFICATIONS ASSUME BOARD TRACE CAPACITANCE OF 3 PF.
RTXI
R1


Similar Part No. - ADSP-BF544

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF544 AD-ADSP-BF544 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
ADSP-BF544 AD-ADSP-BF544 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-BF544BBCZ-4A AD-ADSP-BF544BBCZ-4A Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-BF544BBCZ-5A AD-ADSP-BF544BBCZ-5A Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-BF544MBBCZ-5M AD-ADSP-BF544MBBCZ-5M Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
More results

Similar Description - ADSP-BF544

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
   Embedded Processor
REV. C
ADSP-BF522C AD-ADSP-BF522C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
   Embedded Processor
REV. A
ADSP-21262 AD-ADSP-21262_05 Datasheet
1Mb / 48P
   Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-2101BS-100 AD-ADSP-2101BS-100 Datasheet
667Kb / 48P
   TigerSHARC Embedded Processor
REV. B
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com