Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBG3060CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBG3060CT
Description  30A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBG3060CT Datasheet(HTML) 1 Page - Diodes Incorporated

  SBG3060CT Datasheet HTML 1Page - Diodes Incorporated SBG3060CT Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS30025 Rev. 5 - 2
1 of 2
SBG3030CT - SBG3060CT
www.diodes.com
ã Diodes Incorporated
SBG3030CT - SBG3060CT
30A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Case: D2PAK
·
Case Material
: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Bright Tin. Solderable per
MIL-STD-202, Method 208
·
Ordering Information, Page 2
·
Polarity: See Diagram
·
Marking: Type Number
·
Mounting Position: Any
·
Weight: 1.7 grams (approximate)
Mechanical Data
B
C
D
E
G
H
J
K
L
M
A
123
4
PIN 1
PIN 3
PIN2&4
D2PAK
Dim
Min
Max
A
9.65
10.69
B
14.60
15.88
C
0.51
1.14
D
2.29
2.79
E
4.37
4.83
G
1.14
1.40
H
1.14
1.40
J
8.25
9.25
K
0.30
0.64
L
2.03
2.92
M
2.29
2.79
All Dimensions in mm
Characteristic
Symbol
SBG
3030CT
SBG
3040CT
SBG
3045CT
SBG
3050CT
SBG
3060CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
28
32
35
42
V
Average Rectified Output Current
@ TC = 100
°C
IO
30
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
250
A
Forward Voltage, per Element
@ IF = 15A, TC = 25
°C
VFM
0.55
0.70
V
Peak Reverse Current
@ TC = 25
°C
at Rated DC Blocking Voltage
@ TC = 100
°C
IRM
1.0
75
mA
Typical Junction Capacitance (Note 2)
Cj
420
pF
Typical Thermal Resistance Junction to Case (Note 1)
RqJC
1.5
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Thermal resistance: junction to case mounted on heat sink.
2. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC.
3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
·
Schottky Barrier Chip
·
Guard Ring Die Construction for Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward Voltage Drop
·
Surge Overload Rating to 250A Peak
·
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
·
Lead Free Finish/RoHS Compliant Version (Note 3)
SPICE MODELS: SBG3030CT SBG3040CT SBG3045CT SBG3050CT SBG3060CT


Similar Part No. - SBG3060CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBG3060CT DIODES-SBG3060CT Datasheet
47Kb / 2P
   30A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30025 Rev. C-2
More results

Similar Description - SBG3060CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBG3030CT DIODES-SBG3030CT Datasheet
47Kb / 2P
   30A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30025 Rev. C-2
SBG3030CT DIODES-SBG3030CT_15 Datasheet
82Kb / 5P
   30A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB30150DC WTE-SB30150DC Datasheet
45Kb / 4P
   30A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
logo
Chip Integration Techno...
CP30L120SG CITC-CP30L120SG Datasheet
1Mb / 3P
   30A Surface Mount Trench Schottky Rectifier
logo
Diodes Incorporated
MBR3030PT DIODES-MBR3030PT_15 Datasheet
68Kb / 3P
   30A SCHOTTKY BARRIER RECTIFIER
SBL3060CTP DIODES-SBL3060CTP_15 Datasheet
78Kb / 4P
   30A SCHOTTKY BARRIER RECTIFIER
logo
Wisdom technologies Int...
MBRF30150CT WISDOM-MBRF30150CT Datasheet
1Mb / 3P
   30A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR2535CT DIODES-MBR2535CT Datasheet
65Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS31036 Rev. D-2
MBR3030PT DIODES-MBR3030PT Datasheet
64Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. E-2
S9004P2CT DIODES-S9004P2CT Datasheet
62Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS23027 Rev. P-5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com