Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1112 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT1112
Description  1.5A, 1.4MHz Step-Down Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1112 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT1112 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1112 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1112 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1112 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1112 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1112 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1112 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1112 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1112 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AAT1112
1.5A, 1.4MHz Step-Down Converter
1112.2007.01.1.1
7
Typical Characteristics
Supply Current vs. Supply Voltage
(VOUT = 1.8V; No Load; PFM Mode)
Supply Voltage (V)
30
35
40
45
50
55
60
65
70
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
85°C
25°C
-40°C
Output Voltage vs. Temperature
(VIN = 3.6V; VOUT = 1.8V; IOUT = 1A)
Temperature (
°°C)
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-40
-20
0
20
40
60
80
Load Regulation
(PWM Mode; VOUT = 1.2V)
Output Current (mA)
-0.50
-0.25
0.00
0.25
0.50
0.1
1
10
100
1000
10000
VIN = 2.7V VIN = 3.6V
VIN = 4.2V
Efficiency vs. Output Current
(PWM Mode; VOUT = 1.2V)
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
Load Regulation
(PFM Mode; VOUT = 1.2V)
Output Current (mA)
-0.50
-0.25
0.00
0.25
0.50
0.1
1
10
100
1000
10000
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
Efficiency vs. Output Current
(PFM Mode; VOUT = 1.2V)
Output Current (mA)
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V


Similar Part No. - AAT1112

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112ITP-0.6-T1 ANALOGICTECH-AAT1112ITP-0.6-T1 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1112ITP-0.6-T1 SKYWORKS-AAT1112ITP-0.6-T1 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112IWP-0.6-T1 ANALOGICTECH-AAT1112IWP-0.6-T1 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
More results

Similar Description - AAT1112

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP2351 MPS-MP2351 Datasheet
187Kb / 8P
   1.5A, 23V, 1.4MHz Step-Down Converter
logo
SHOUDING Shouding Semic...
SD6410 SHOUDING-SD6410 Datasheet
1,016Kb / 7P
   1.4MHz, 1.5A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28372 MPS-MP28372 Datasheet
274Kb / 12P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP29373 MPS-MP29373 Datasheet
260Kb / 10P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP2364 MPS-MP2364 Datasheet
281Kb / 12P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
logo
Diodes Incorporated
AP5101 DIODES-AP5101 Datasheet
384Kb / 15P
   1.5A Step-Down Converter with 1.4MHz Switching Frequency
DS32258 Rev. 1 - 2
logo
Monolithic Power System...
EV2364DF-01A MPS-EV2364DF-01A Datasheet
214Kb / 4P
   1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board
logo
SG Micro Corp
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
   1.4MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com