Electronic Components Datasheet Search |
|
XC6367F152ML Datasheet(PDF) 11 Page - Torex Semiconductor |
|
XC6367F152ML Datasheet(HTML) 11 Page - Torex Semiconductor |
11 / 27 page 563 XC6367/6368 Series PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS Output Voltage VOUT 2.925 3.000 3.075 V Supply Voltage (* 1) VDD 2.0 - 10.0 V Maximum Input Voltage VIN 10.0 - - V Oscillation Start Voltage 1 VST1 Tr: 2SD1628, IOUT=1.0mA - - 0.9 V Oscillation Start Voltage 2 VST2 VDD=CE: Apply voltage, FB=0V - - 0.8 V Oscillation Hold Voltage VHLD Tr: 2SD1628, IOUT=1.0mA - - 0.7 V Supply Current 1 IDD1 VDD=CE=2.85V, FB=0V - 50 90 μ A Supply Current 2 IDD2 VDD=CE=3.5V, FB=1.2V - 11 20 μ A Stand-by Current ISTB VDD=2.85V, CE=0V, FB=0V - - 0.5 μ A Oscillation Frequency FOSC Same as IDD1 85 100 115 kHz Maximum Duty Ratio MAXDTY Same as IDD1 78 85 92 % PFM Duty Ratio (*3) PFMDTY IOUT=0mA 15 25 35 % CE "High" Voltage VCEH VDD =2.85V,FB=0V 0.65 - - V CE "Low" Voltage VCEL VDD =2.85V,FB=0V - - 0.20 V EXT "High" ON Resistance REXTH Same as IDD1, VEXT=VDD-0.4V - 32 47 Ω EXT "Low" ON Resistance REXTL Same as IDD1, VEXT=0.4V - 20 30 Ω Efficiency (* 2) EFFI - 84 - % Soft-Start Time TSS 5 10 20 msec XC6367B101MR, XC6368B101MR VOUT=3.0V, FOSC=100kHz, Ta=25℃ Conditions: Unless otherwise stated, VIN=1.8V, IOUT=120mA External components : RFB1 = 400kΩ, RFB2 = 200kΩ, CFB = 47pF NOTE: * 1: When taking VDD from another power source please ensure that VDD = 2.0V or more. Oscillation will occur with a value of VDD = 0.8V or more, but with a value of VDD = 2.0V or more, output voltage and oscillation frequency will be stable. * 2: EFFI = {[(output voltage) x (output current)]÷[(input voltage) x (input current)] x 100 * 3: Applies to the XC6368 series only (duty ratio when control changes to PFM). ■ ELECTRICAL CHARACTERISTICS (Continued) |
Similar Part No. - XC6367F152ML |
|
Similar Description - XC6367F152ML |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |