Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N647-1 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N647-1
Description  SILICON RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N647-1 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N647-1 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MAXIMUM RATINGS AT 25
°C
Operating Temperature:
-65
°C to +175°C
Storage Temperature:
-65
°C to +175°C
Surge Current A, sine 8.3mS:
5.0A
Total Power Dissipation:
500mW
Operating Current:
400mA, TA= +25°C
Operating Current:
150mA, TA= +150°C
Derating Factor:
2mA/
°C above +25°C
Derating Factor:
6mA/
°C above +150°C
D.C. Reverse Voltage (VRWM):
400V
FEATURES
• 1N647-1 AVAILABLE IN JAN, JANTX, AND JANTXV PER MIL-PRF-19500/240
• SILICON RECTIFIER
• METALLURGICALLY BONDED
• HERMETICALLY SEALED
• DOUBLE PLUG CONSTRUCTION
DC ELECTRICAL CHARACTERISTICS
VF
IR
Ambient
(
°C)
IF
mA
Min
V
Max
V
Ambient
(
°C)
VR
V (dc)
Min
µA
Max
µA
25
400
0.80
1.00
25
400
-
0.050
150
400
0.70
0.95
25
480(ac)
-
50
-55
400
-
1.20
150
400
-
25
DESIGN DATA
Case: Hermetically sealed glass package per MIL-
PRF-19500/240 DO-35 outline
Lead Material: Copper clad steel
Lead Finish: Tin/Lead
Thermal Resistance (RθJL): 250°C/W maximum
at L=.375”
Thermal Impedance (ZθJX): 35°C/W maximum
Marking: Blue body coat, Black digits.
Polarity: Cathode end is banded.
AC ELECTRICAL CHARACTERISTICS AT 25
°C
Symbol
Min
Max
Capacitance @ VR = 4V
pF
-
20
IRELAND - GORT ROAD
, ENNIS, CO. CLARE
PHONE:
+353 65 6840044
TOLL FREE:
+186 62 702434
FAX:
+353 65 6822298
U.S.A. DOMESTIC SALES CONTACT
PHONE:
(617) 926 0404
TOLL FREE:
1 800 666 2999
WWW.MICROSEMI.COM
1N647-1


Similar Part No. - 1N647-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N647-1 MICROSEMI-1N647-1 Datasheet
169Kb / 3P
   Silicon Switching Diode DO-35 Glass Package
1N647-1 MICROSEMI-1N647-1 Datasheet
177Kb / 3P
   Silicon Rectifier Diodes
More results

Similar Description - 1N647-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N649-1 MICROSEMI-1N649-1 Datasheet
86Kb / 1P
   SILICON RECTIFIER
logo
Rectron Semiconductor
1N4001 RECTRON-1N4001 Datasheet
225Kb / 2P
   SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
IN3569-74 NJSEMI-IN3569-74 Datasheet
56Kb / 1P
   Silicon Rectifier
logo
Yangzhou yangjie electr...
ARS35A YANGJIE-ARS35A Datasheet
148Kb / 2P
   Silicon Rectifier
logo
New Jersey Semi-Conduct...
1N442 NJSEMI-1N442 Datasheet
88Kb / 1P
   Silicon Rectifier
logo
Zowie Technology Corpor...
RL201 ZOWIE-RL201 Datasheet
44Kb / 2P
   SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
RL151PT CHENMKO-RL151PT Datasheet
81Kb / 2P
   SILICON RECTIFIER
logo
Yangzhou yangjie electr...
15A YANGJIE-15A Datasheet
146Kb / 2P
   Silicon Rectifier
logo
Zowie Technology Corpor...
1N4001E ZOWIE-1N4001E Datasheet
45Kb / 2P
   SILICON RECTIFIER
logo
Rectron Semiconductor
1N5391 RECTRON-1N5391 Datasheet
22Kb / 2P
   SILICON RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com