Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6368F402ML Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6368F402ML
Description  PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6368F402ML Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6368F402ML Datasheet HTML 1Page - Torex Semiconductor XC6368F402ML Datasheet HTML 2Page - Torex Semiconductor XC6368F402ML Datasheet HTML 3Page - Torex Semiconductor XC6368F402ML Datasheet HTML 4Page - Torex Semiconductor XC6368F402ML Datasheet HTML 5Page - Torex Semiconductor XC6368F402ML Datasheet HTML 6Page - Torex Semiconductor XC6368F402ML Datasheet HTML 7Page - Torex Semiconductor XC6368F402ML Datasheet HTML 8Page - Torex Semiconductor XC6368F402ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
553
XC6367_6368 ETR0401_001.doc
Input Voltage Range : 0.9~10.0V
Output Voltage Range : 1.5~6.5V(±2.5%)
Oscillator Frequency : 300kHz(±15%)
PWM/PFM Switching Control (XC6368)
High Efficiency
: 84% (TYP.)
SOT-25 Package
GENERAL DESCRIPTION
The XC6367/68 series are multi-functional step-up DC/DC
converter controllers with built-in high speed, low ON resistance
drivers.
Large output currents are possible using an externally
connected transistor, coil, diode and capacitor.
Output voltage is selectable in 100mV increments within a
range of 1.5V ~ 6.5V (±2.5%). For output voltages outside this
range, we recommend FB version, which has a 1.0V internal
reference voltage. Using the FB version, the required output
voltage can be set-up using 2 external resistors.
With a 300kHz oscillation frequency, the size of the external
components can be reduced.
Control switches from PWM to PFM during light loads with the
XC6368 (PWM/PFM switchable) and the series is highly
efficient from light loads to large output currents.
Soft start time of XC6367/68A, B, and C series is internally set
to 10msec and XC6367/68C, D, and F series regulate soft-start
time by connecting resistors and capacitors externally.
During stand-by (CE pin "Low"), supply current is reduced to
less than 0.5μA.
APPLICATIONS
Electronic information organizers
Palmtops
Cellular and portable phones
Portable audio systems
Various multi-function power supplies
TYPICAL APPLICATION CIRCUIT
TYPICAL PERFORMANCE
CHARACTERISTICS
FEATURES
Input Voltage Range
: 0.9V ~ 10V
Operating Voltage Range : 2.0V ~ 10V
Output voltage Range : 1.5V ~ 6.5V programmable in
100mV increments (±2.5%)
Oscillation Frequency : 300kHz, 100kHz (±15%)
Custom products for
180kHz, 500kHz
Output Current
: More than 200mA
(VIN=1.8V, VOUT=3.3V)
High Efficiency
: 84% (TYP.)
Stand-by capability
: ISTB=0.5μA (MAX.)
Selection
: Soft-start set-up external
Output voltage set-up internal(VOUT)
Output voltage set-up external(FB)
Package
: SOT-25
GO-Compatible


Similar Part No. - XC6368F402ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6368F TOREX-XC6368F Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6368F TOREX-XC6368F Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results

Similar Description - XC6368F402ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_11 Datasheet
391Kb / 9P
   PWM CONTROLLED竊?PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER DESCRIPTION
logo
Torex Semiconductor
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550 Datasheet
193Kb / 10P
   PWM CONTROLLED竊똏WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com