Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU1008 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # GBU1008
Description  10A GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

GBU1008 Datasheet(HTML) 1 Page - Diodes Incorporated

  GBU1008 Datasheet HTML 1Page - Diodes Incorporated GBU1008 Datasheet HTML 2Page - Diodes Incorporated GBU1008 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30052 Rev. 6 - 2
1 of 3
GBU10005 - GBU1010
www.diodes.com
ã Diodes Incorporated
GBU10005 - GBU1010
10A GLASS PASSIVATED BRIDGE RECTIFIER
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Notes:
1. Unit mounted on 100 x 100 x 1.6mm copper plate heatsink.
2. Non-repetitive, for t > 1.0ms and < 8.3ms.
3. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
4. RoHS revision 13.2.2003. Glass and High temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
·
Case: GBU
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish
¾ Bright Tin. Solderable per
MIL-STD-202, Method 208
·
Polarity: Marked on Body
·
Mounting: Through Hole for #6 Screw
·
Mounting Torque: 5.0 Inch-pounds Maximum
·
Ordering Information: See Last Page
·
Marking: Date Code and Type Number
·
Weight: 6.6 grams (approximate)
Characteristic
Symbol
GBU
10005
GBU
1001
GBU
1002
GBU
1004
GBU
1006
GBU
1008
GBU
1010
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Forward Rectified Current (Note 1)@ TC = 100
°C
I(AV)
10
A
Non-Repetitive Peak Forward Surge Current
8.3ms single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
220
A
Forward Voltage (per element)
@ IF = 5.0A
VFM
1.0
V
Peak Reverse Current
@ TC = 25
°C
at Rated DC Blocking Voltage
@ TC = 125
°C
IR
5.0
500
mA
I2t Rating for Fusing (Note 2)
I2t
200
A2s
Typical Total Capacitance per Element (Note 3)
CT
60
pF
Typical Thermal Resistance Junction to Case (Note 1)
RqJC
2.2
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
GBU
Dim
Min
Max
A
21.8
22.3
B
3.5
4.1
C
7.4
7.9
D
1.65
2.16
E
2.25
2.75
F
1.95
2.35
G
1.02
1.27
H
4.83
5.33
J
17.5
18.0
K
3.2 X 45
°
L
18.3
18.8
M
3.30
3.56
N
0.46
0.56
P
0.76
1.0
All Dimensions in mm
- ~ ~ +
A
B
K
D
E
F
G
H
J
M
N
P
L
C
·
Glass Passivated Die Construction
·
High Case Dielectric Strength of 1500VRMS
·
Low Reverse Leakage Current
·
Surge Overload Rating to 220A Peak
·
Ideal for Printed Circuit Board Applications
·
UL Listed Under Recognized Component
Index, File Number E94661
·
Lead Free Finish, RoHS Compliant (Note 4)
SPICE MODEL: GBU1002


Similar Part No. - GBU1008

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU1008 DIODES-GBU1008 Datasheet
53Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
DS30052 Rev. D-2
logo
Kingtronics Internation...
GBU1008 KINGTRONICS-GBU1008 Datasheet
331Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 10 Ampere
logo
HY ELECTRONIC CORP.
GBU1008 HY-GBU1008 Datasheet
476Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
CHENG-YI ELECTRONIC CO....
GBU1008 CHENG-YI-GBU1008 Datasheet
167Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
GBU1008 YFWDIODE-GBU1008 Datasheet
608Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - GBU1008

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PB1000G WTE-PB1000G Datasheet
34Kb / 3P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ10A ZSELEC-GBJ10A Datasheet
45Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU10005 DIODES-GBU10005 Datasheet
53Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
DS30052 Rev. D-2
GBJ10005 DIODES-GBJ10005_15 Datasheet
81Kb / 3P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ10005 ZSELEC-GBJ10005 Datasheet
45Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ10A ZSELEC-KBJ10A Datasheet
84Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
RS1001M ZSELEC-RS1001M Datasheet
100Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
D10XB05 ZSELEC-D10XB05 Datasheet
59Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Yea Shin Technology Co....
GBJ10005 YEASHIN-GBJ10005 Datasheet
371Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
GBJ10005 LUGUANG-GBJ10005 Datasheet
172Kb / 2P
   10A Glass Passivated Bridge Rectifier
logo
TAITRON Components Inco...
TU1000G TAITRON-TU1000G Datasheet
195Kb / 4P
   10A Glass Passivated Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com