Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4150UR-1 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N4150UR-1
Description  SWITCHING DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4150UR-1 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N4150UR-1_1 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESIGN DATA
Case: Hermetically sealed glass package per MIL-
PRF-19500/231 DO-213AA outline
Lead Material: Copper clad steel
Lead Finish: Tin/Lead
Thermal Resistance (RθJEC): 100°C/W maximum
Thermal Impedance (ZθJX): 70°C/W maximum
Polarity: Cathode end is banded.
MAXIMUM RATINGS AT 25
°C
Operating Temperature:
-65
°C to +175°C
Storage Temperature:
-65
°C to +175°C
Surge Current A, sine 1uS:
4.0A
Surge Current B, sine 1S:
0.5A
Total Power Dissipation:
500mW
Operating Current:
200mA, TA= +25°C to +110°C
Derating Factor:
3.1mA/
°C above T
EC= +110°C
D.C. Reverse Voltage (VRWM):
50V
FEATURES
• 1N4150UR-1 AVAILABLE IN JAN, JANTX, AND JANTXV PER MIL-PRF-
19500/231
• SWITCHING DIODE
• METALLURGICALLY BONDED
• HERMETICALLY SEALED
• DOUBLE PLUG CONSTRUCTION
• ALSO AVAILABLE AS LL4150, CDLL4150, & MLL4150
AC ELECTRICAL CHARACTERISTICS AT 25
°C
Symbol
Min
Max
Capacitance @ 0V
pF
-
2.5
TRR @ IF =IR=10mA,
IRec = 1mA.
nsec
-
4
VFR @ IF= 200mA
V
-
5
TFR @ IF = 200mA
nsec
-
10
DC ELECTRICAL CHARACTERISTICS
VF
IR
VBR
Ambient
(
°C)
IF
mA
Min
V
Max
V
Ambient
(
°C)
V (dc)
Min
µA
Max
µA
Ambient
(
°C)
IR
µA
Min
V
Max
V
25
1
.54
.62
25
50
-
0.1
25
10
75
-
25
10
.66
.74
150
50
-
100
25
50
.76
.86
25
100
.82
.92
25
200
.87 1.00
IRELAND - GORT ROAD
, ENNIS, CO. CLARE
PHONE:
+353 65 6840044
TOLL FREE:
+186 62 702434
FAX:
+353 65 6822298
U.S.A. DOMESTIC SALES CONTACT
PHONE:
(617) 926 0404
TOLL FREE:
1 800 666 2999
WWW.MICROSEMI.COM
1N4150UR-1


Similar Part No. - 1N4150UR-1_1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4150UR-1 MICROSEMI-1N4150UR-1_2 Datasheet
46Kb / 2P
   SWITCHING DIODE
More results

Similar Description - 1N4150UR-1_1

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com