Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE18CA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 1.5KE18CA
Description  1500W TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1.5KE18CA Datasheet(HTML) 3 Page - Diodes Incorporated

  1.5KE18CA Datasheet HTML 1Page - Diodes Incorporated 1.5KE18CA Datasheet HTML 2Page - Diodes Incorporated 1.5KE18CA Datasheet HTML 3Page - Diodes Incorporated 1.5KE18CA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS21503 Rev. 10 - 2
3 of 4
1.5KE6V8(C)A - 1.5KE400(C)A
www.diodes.com
1.0
10
100
0.1
1.0
10
100
1000
10,000
TC = 25ºC
IMPULSE
SINE WAVE
SQ. WAVE
10 X 1000 Waveform
as defined by REA
0
25
50
75
100
125
150 175
200
100
75
50
25
0
T , AMBIENT TEMPERATURE (°C)
Fig. 4 Pulse Derating Curve
A
L = 9.5 mm
40x40x1mmCu
0
25
50
75
100
125
150
175
200
0
1.25
2.5
3.75
5.0
T , LEAD TEMPERATURE (°C)
Fig. 5 Steady State Power Derating
L
Single Phase
Half-Wave 60Hz
Resistive or
Inductive Load
01
2
3
100
50
0
Peak Value I
pp
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
t
p
t, TIME (ms)
Fig. 1 Pulse Waveform
1
10
100
1000
10
100
1000
10,000
V
, REVERSE STANDOFF VOLTAGE (V)
Fig.2 Typical Total Capacitance
RWM
Measured at
Stand-off Voltage
Measured at
Zero Bias


Similar Part No. - 1.5KE18CA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5KE18CA ONSEMI-1.5KE18CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
Shenzhen Luguang Electr...
1.5KE18CA LUGUANG-1.5KE18CA Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Anova Technologies CO.,...
1.5KE18CA ANOVA-1.5KE18CA Datasheet
269Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Pan Jit International I...
1.5KE18CA PANJIT-1.5KE18CA Datasheet
82Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1.5KE18CA DAESAN-1.5KE18CA Datasheet
801Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE18CA

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com