Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3335ADM250R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP3335ADM250R2G
Description  Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3335ADM250R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP3335ADM250R2G Datasheet HTML 1Page - ON Semiconductor NCP3335ADM250R2G Datasheet HTML 2Page - ON Semiconductor NCP3335ADM250R2G Datasheet HTML 3Page - ON Semiconductor NCP3335ADM250R2G Datasheet HTML 4Page - ON Semiconductor NCP3335ADM250R2G Datasheet HTML 5Page - ON Semiconductor NCP3335ADM250R2G Datasheet HTML 6Page - ON Semiconductor NCP3335ADM250R2G Datasheet HTML 7Page - ON Semiconductor NCP3335ADM250R2G Datasheet HTML 8Page - ON Semiconductor NCP3335ADM250R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
NCP3335A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS − 2.5 V (Vout = 2.5 V typical, Vin = 2.9 V, TA = −40°C to +85°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (Accuracy)
Vin = 2.9 V to 6.5 V, Iload = 0.1 mA to 500 mA, TJ = 25°C
Vout
−0.9%
2.477
2.5
+0.9%
2.523
V
Output Voltage (Accuracy)
Vin = 2.9 V to 6.5 V, Iload = 0.1 mA to 500 mA, TJ = 0°C to +85°C
Vout
−1.4%
2.465
2.5
+1.4%
2.535
V
Output Voltage (Accuracy), (Note 2)
Vin = 2.9 V to 6.5 V, Iload = 0.1 mA to 500 mA, TJ = −40°C to +150°C
Vout
−1.5%
2.462
2.5
+1.5%
2.538
V
Line Regulation
Vin = 2.9 V to 12 V, Iload = 0.1 mA
LineReg
0.04
mV/V
Load Regulation
Vin = 2.9 V, Iload = 0.1 mA to 500 mA
LoadReg
0.04
mV/mA
Dropout Voltage (See App Note)
Iload = 500 mA (Note 3)
Iload = 300 mA (Note 3)
Iload = 50 mA
Iload = 0.1mA
VDO
340
230
110
10
mV
Peak Output Current (See Figure 7)
Ipk
500
700
800
mA
Short Output Current (See Figure 7)
Isc
900
mA
Thermal Shutdown
TJ
160
°C
Ground Current
In Regulation
Iload = 500 mA (Note 3)
Iload = 300 mA (Note 3)
Iload = 50 mA
Iload = 0.1 mA
In Dropout
Vin = 2.4 V, Iload = 0.1 mA
In Shutdown
SD = 0 V
IGND
IGNDsh
9.0
4.6
0.8
0.07
14
7.5
2.5
190
500
1.0
mA
mA
mA
mA
Output Noise
Cnr = 0 nF, Iload = 500 mA, f = 10 Hz to 100 kHz, Cout = 10 mF
Cnr = 10 nF, Iload = 500 mA, f = 10 Hz to 100 kHz, Cout = 10 mF
Vnoise
56
35
mVrms
mVrms
Shutdown
Threshold Voltage ON
Threshold Voltage OFF
2.0
0.4
V
V
SD Input Current, VSD = 0 V to 0.4 V or VSD = 2.0 V to Vin
ISD
0.07
1.0
mA
Output Current In Shutdown Mode, Vout = 0 V
IOSD
0.07
1.0
mA
Reverse Bias Protection, Current Flowing from the Output Pin to GND
(Vin = 0 V, Vout_forced = 2.5 V)
IOUTR
10
mA
2. For output current capability for TJ < 0°C, please refer to Figure 9.
3. TA must be greater than 0°C.


Similar Part No. - NCP3335ADM250R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3335ADM250R2G ONSEMI-NCP3335ADM250R2G Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335ADM250R2G ONSEMI-NCP3335ADM250R2G Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
More results

Similar Description - NCP3335ADM250R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335 ONSEMI-NCP3335 Datasheet
128Kb / 8P
   High Accuracy Ultra-low Iq, 500 mA Low Dropout Regulator
April, 2005 ??Rev. 1
NCP3335A ONSEMI-NCP3335A_13 Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
NCP3335 ONSEMI-NCP3335_06 Datasheet
267Kb / 9P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
September, 2006 ??Rev. 5
NCP3334DADJR2G ONSEMI-NCP3334DADJR2G Datasheet
81Kb / 7P
   High Accuracy, Ultra Low Iq, 500 mA Adjustable Low Dropout Regulator
April, 2006 ??Rev. 2
NCV8535 ONSEMI-NCV8535_13 Datasheet
394Kb / 22P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator with Enable
May, 2013 ??Rev. 4
NCV8535 ONSEMI-NCV8535 Datasheet
388Kb / 22P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator with Enable
January, 2010 ??Rev. 2
NCV8535 ONSEMI-NCV8535_17 Datasheet
314Kb / 22P
   Ultra High Accuracy 500 mA Low Dropout Regulator
October, 2017 ??Rev. 5
NCP3337MNADJR2G ONSEMI-NCP3337MNADJR2G Datasheet
1Mb / 16P
   Ultra High Accuracy, Low Iq, 500 mA with Power Good Low Dropout Regulator
August, 2010 ??Rev. 0
NCP3337 ONSEMI-NCP3337 Datasheet
1Mb / 16P
   Ultra High Accuracy, Low Iq, 500 mA with Power Good Low Dropout Regulator
August, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com