Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1106DH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # ISP1106DH
Description  Advanced Universal Serial Bus transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1106DH Datasheet(HTML) 2 Page - NXP Semiconductors

  ISP1106DH Datasheet HTML 1Page - NXP Semiconductors ISP1106DH Datasheet HTML 2Page - NXP Semiconductors ISP1106DH Datasheet HTML 3Page - NXP Semiconductors ISP1106DH Datasheet HTML 4Page - NXP Semiconductors ISP1106DH Datasheet HTML 5Page - NXP Semiconductors ISP1106DH Datasheet HTML 6Page - NXP Semiconductors ISP1106DH Datasheet HTML 7Page - NXP Semiconductors ISP1106DH Datasheet HTML 8Page - NXP Semiconductors ISP1106DH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
Product data
Rev. 06 — 30 November 2001
2 of 24
9397 750 08872
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
3.
Applications
s Portable electronic devices, such as:
x Mobile phone
x Digital still camera
x Personal Digital Assistant (PDA)
x Information Appliance (IA).
4.
Ordering information
[1]
The ground terminal of ISP1105W is connected to the exposed diepad (heatsink).
4.1 Ordering options
[1]
Refer to Table 5 and Table 6.
[2]
Refer to Table 6.
[3]
Refer to Table 5.
Table 1:
Ordering information
Type number
Package
Name
Description
Version
ISP1105W[1]
ISP1106W
ISP1107W
HBCC16
plastic, heatsink bottom chip carrier; 16 terminals; body 3
× 3 × 0.65 mm
SOT639-2
ISP1106DH
ISP1107DH
TSSOP16
plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1
Table 2:
Selection guide
Product
Package(s)
Description
ISP1105
HBCC16
Supports both single-ended and differential input modes[1]
ISP1106
TSSOP16 or HBCC16
Supports only the differential input mode[2]
ISP1107
TSSOP16 or HBCC16
Supports only the single-ended input mode[3]


Similar Part No. - ISP1106DH

ManufacturerPart #DatasheetDescription
logo
Ericsson
ISP1106DHTM ERICSSON-ISP1106DHTM Datasheet
757Kb / 25P
   Advanced USB transceivers
More results

Similar Description - ISP1106DH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1105 TI-TUSB1105_10 Datasheet
1Mb / 33P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1105 TI-TUSB1105 Datasheet
894Kb / 30P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1106-Q1 TI1-TUSB1106-Q1 Datasheet
594Kb / 24P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1106 TI-TUSB1106_10 Datasheet
1Mb / 34P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
logo
NXP Semiconductors
ISP1104 PHILIPS-ISP1104 Datasheet
494Kb / 19P
   Advanced Universal Serial Bus transceiver
Rev. 02-14 October 2003
logo
Texas Instruments
TUSB2551A TI-TUSB2551A Datasheet
834Kb / 20P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
logo
NXP Semiconductors
ISP1102A NXP-ISP1102A Datasheet
168Kb / 25P
   Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
ISP1107 PHILIPS-ISP1107 Datasheet
536Kb / 19P
   Advanced Universal Serial Bus transceiver
Rev. 01-23 February 2000
logo
Texas Instruments
TUSB2551 TI-TUSB2551_10 Datasheet
652Kb / 20P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551 TI-TUSB2551 Datasheet
530Kb / 18P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com