Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1130N Datasheet(PDF) 7 Page - NXP Semiconductors

Part # ISP1130N
Description  Universal Serial Bus compound hub with integrated keyboard controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1130N Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button ISP1130N Datasheet HTML 3Page - NXP Semiconductors ISP1130N Datasheet HTML 4Page - NXP Semiconductors ISP1130N Datasheet HTML 5Page - NXP Semiconductors ISP1130N Datasheet HTML 6Page - NXP Semiconductors ISP1130N Datasheet HTML 7Page - NXP Semiconductors ISP1130N Datasheet HTML 8Page - NXP Semiconductors ISP1130N Datasheet HTML 9Page - NXP Semiconductors ISP1130N Datasheet HTML 10Page - NXP Semiconductors ISP1130N Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
Philips Semiconductors
ISP1130
USB compound hub with keyboard controller
Objective specification
Rev. 01 — 23 March 2000
7 of 68
9397 750 06895
© Philips Electronics N.V. 2000. All rights reserved.
[1]
Symbol names with an overscore (e.g. NAME) indicate active LOW signals.
[2]
MXn pins have an internal 8.2 k
Ω pull-up resistor.
[3]
MYn pins have an internal 82 k
Ω pull-down resistor (keyboard matrix enabled) or an internal 8.2 kΩ
pull-up resistor (keyboard matrix disabled). This is controlled by bit DisableKBDMatrix in the USBCON
register, see Table 53.
6.
Functional description
The ISP1130 is a compound USB hub with an integrated keyboard controller. It has 2
bus-powered downstream ports with 3 non-removable embedded functions, the first
of which is dedicated to the keyboard function. The downstream ports can be used to
connect low-speed or full-speed USB peripherals, such as a mouse, printer, another
keyboard or another hub. The block diagram is shown in Figure 1.
The embedded functions have no external hardware connections. They provide USB
endpoints for equipment functions implemented by a microcontroller. Each endpoint
has an associated FIFO buffer in the on-board RAM, which can be accessed by the
integrated microcontroller via memory mapped registers using special commands
(see Section 9).
An optional serial I2C-bus interface (see Section 11) is provided for external
EEPROM access, allowing the user to program the vendor ID, product ID or activate
the built-in keyboard matrix.
MEMSEL/
UPGL
47
O
pin function is controlled via the USBCON register (see
Table 53):
GL-MEMSELSelection = 0 — upstream port GoodLink
indicator output (open-drain)
GL-MEMSELSelection = 1 — chip select output for
external serial EEPROM (open-drain)
SYNCLK
48
O
embedded microcontroller clock output; used for emulation
EA
49
I
External Address enable input (internal pull-up); used to
access external memory
ALE
50
O
Address Latch Enable output; used to demultiplex AD0
during external memory access
PSEN
51
O
Program Store ENable output; selects external memory for
program execution
INT
52
I
external interrupt input (edge-triggered)
SCRLOCK
53
O
control output for Scroll Lock LED (open-drain)
NUMLOCK
54
O
control output for Num Lock LED (open-drain)
CAPSLOCK
55
O
control output for Caps Lock LED (open-drain)
GND
56
-
ground supply
Table 2:
Pin description (SSOP56 and SDIP56)…continued
Symbol [1]
Pin
Type
Description


Similar Part No. - ISP1130N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1102 PHILIPS-ISP1102 Datasheet
533Kb / 23P
   Advanced Universal Serial Bus transceiver
Rev. 03-02 September 2003
ISP1102A NXP-ISP1102A Datasheet
168Kb / 25P
   Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
ISP1102AW NXP-ISP1102AW Datasheet
168Kb / 25P
   Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
ISP1102BS PHILIPS-ISP1102BS Datasheet
533Kb / 23P
   Advanced Universal Serial Bus transceiver
Rev. 03-02 September 2003
ISP1102W PHILIPS-ISP1102W Datasheet
533Kb / 23P
   Advanced Universal Serial Bus transceiver
Rev. 03-02 September 2003
More results

Similar Description - ISP1130N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2136 TI-TUSB2136 Datasheet
187Kb / 50P
[Old version datasheet]   UNIVERSAL SERIAL BUS KEYBOARD HUB CONTROLLER
logo
NXP Semiconductors
ISP1123 PHILIPS-ISP1123 Datasheet
1Mb / 49P
   Universal Serial Bus compound hub
Rev. 01-5 October 1999
logo
Texas Instruments
TUSB2136 TI-TUSB2136_06 Datasheet
242Kb / 53P
[Old version datasheet]   Universal Serial Bus Compound Hub with General Purpose 8052 MCU
TUSB2136 TI-TUSB2136_07 Datasheet
242Kb / 53P
[Old version datasheet]   Universal Serial Bus Compound Hub with General Purpose 8052 MCU
logo
Intel Corporation
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
   UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
logo
NEC
UPD72012 NEC-UPD72012 Datasheet
414Kb / 36P
   HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
logo
NXP Semiconductors
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
   Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
PDIUSBH11A PHILIPS-PDIUSBH11A Datasheet
157Kb / 28P
   Universal Serial Bus Hub
1999 Jul 22
ISP1520 PHILIPS-ISP1520 Datasheet
259Kb / 51P
   Hi-Speed Universal Serial Bus hub controller
Rev. 02-04 May 2004
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
   Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com