Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1181 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # ISP1181
Description  Full-speed Universal Serial Bus interface device
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1181 Datasheet(HTML) 5 Page - NXP Semiconductors

  ISP1181 Datasheet HTML 1Page - NXP Semiconductors ISP1181 Datasheet HTML 2Page - NXP Semiconductors ISP1181 Datasheet HTML 3Page - NXP Semiconductors ISP1181 Datasheet HTML 4Page - NXP Semiconductors ISP1181 Datasheet HTML 5Page - NXP Semiconductors ISP1181 Datasheet HTML 6Page - NXP Semiconductors ISP1181 Datasheet HTML 7Page - NXP Semiconductors ISP1181 Datasheet HTML 8Page - NXP Semiconductors ISP1181 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
Philips Semiconductors
ISP1181
Full-speed USB interface
Objective specification
Rev. 01 — 13 March 2000
5 of 69
9397 750 06896
© Philips Electronics N.V. 2000. All rights reserved.
6.2 Pin description
Table 2:
Pin description for TSSOP48
Symbol [1]
Pin
Type
Description
VCC(5.0)
1
-
supply voltage (3.0 to 5.5 V)
REGGND
2
-
voltage regulator ground supply
Vreg(3.3)
3
-
regulated supply voltage (3.3 V
± 10%) from internal
regulator; used to connect decoupling capacitor and pull-up
resistor on D
+ line;
Remark: Cannot be used to supply external devices.
D
4
AI/O
USB D
− connection (analog)
D
+
5
AI/O
USB D
+ connection (analog)
VBUS
6I
VBUS sensing input
GL
7
O
GoodLink LED indicator output (open-drain, 8 mA); the LED
is default ON, blinks OFF upon USB traffic; to connect an
LED use a 330
Ω series resistor;
WAKEUP
8
I
wake-up input (edge triggered, LOW to HIGH); generates a
remote wake-up from ‘suspend’ state
SUSPEND
9
O
‘suspend’ state indicator output (4 mA); used as power switch
control output (active LOW) for powered-off application or as
resume signal to the CPU (active HIGH) for powered-on
application
EOT
10
I
End-Of-Transfer input (programmable polarity, see Table 23);
used by the DMA controller to force the end of a DMA transfer
by the ISP1181
DREQ
11
O
DMA request output (4 mA; programmable polarity, see
Table 23); signals to the DMA controller that the ISP1181
wants to start a DMA transfer
DACK
12
I
DMA acknowledge input (programmable polarity, see
Table 23); used by the DMA controller to signal the start of a
DMA transfer requested by the ISP1181
SDWR
13
I
DMA write strobe input; used only in bus configuration
mode 1 (separate PIO and DMA ports)
SDRD
14
I
DMA read strobe input; used only in bus configuration
mode 1 (separate PIO and DMA ports)
INT
15
O
interrupt output; programmable polarity (active HIGH or LOW)
and signalling (level or pulse); see Table 23
READY
16
O
I/O ready output; a LOW level indicates that ISP1181 is
processing a previous command or data and is not ready for
the next PIO command or data transfer; a HIGH level signals
that ISP1181 will complete a PIO data transfer; applies only
to a PIO port or a PIO port shared with a DMA port
BUS_CONF1
17
I
bus configuration selector; see Table 3
BUS_CONF0
18
I
bus configuration selector; see Table 3
DATA15
19
I/O
bit 15 of D[15:0]; bi-directional data line (slew-rate controlled
output, 4 mA)
DATA14
20
I/O
bit 14 of D[15:0]; bi-directional data line (slew-rate controlled
output, 4 mA)


Similar Part No. - ISP1181

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181ABS PHILIPS-ISP1181ABS Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181ADGG PHILIPS-ISP1181ADGG Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181BBS PHILIPS-ISP1181BBS Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
More results

Similar Description - ISP1181

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1581 PHILIPS-ISP1581 Datasheet
1Mb / 73P
   Universal Serial Bus 2.0 high-speed interface device
Rev. 02-23 October 2000
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1161 PHILIPS-ISP1161 Datasheet
2Mb / 127P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 01-3 July 2001
ISP1161A PHILIPS-ISP1161A Datasheet
587Kb / 134P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1183 PHILIPS-ISP1183 Datasheet
295Kb / 62P
   Low-power Universal Serial Bus interface device with DMA
Rev. 01-24 February 2004
logo
National Semiconductor ...
USBN9604 NSC-USBN9604 Datasheet
580Kb / 60P
   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
Texas Instruments
USBN9603-28MX TI-USBN9603-28MX Datasheet
454Kb / 62P
[Old version datasheet]   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
National Semiconductor ...
USBN9603 NSC-USBN9603 Datasheet
560Kb / 60P
   Universal Serial Bus Full Speed Function Controller with Enhanced DMA Support
USBN9602 NSC-USBN9602 Datasheet
253Kb / 45P
   USBN9602 (Universal Serial Bus) Full Speed Function Controller With DMA Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com