Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-5051 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HI-5051
Description  CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-5051 Datasheet(HTML) 3 Page - Intersil Corporation

  HI-5051 Datasheet HTML 1Page - Intersil Corporation HI-5051 Datasheet HTML 2Page - Intersil Corporation HI-5051 Datasheet HTML 3Page - Intersil Corporation HI-5051 Datasheet HTML 4Page - Intersil Corporation HI-5051 Datasheet HTML 5Page - Intersil Corporation HI-5051 Datasheet HTML 6Page - Intersil Corporation HI-5051 Datasheet HTML 7Page - Intersil Corporation HI-5051 Datasheet HTML 8Page - Intersil Corporation HI-5051 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Switch Functions (SWITCHES SHOWN FOR LOGIC “1” INPUT)
SPDT
HI-5042 (50
Ω)
DUAL SPDT
HI-5043 (50
Ω)
4PST
HI-5047 (50
Ω)
DUAL DPST
HI-5049 (25
Ω)
DUAL SPDT
HI-5051 (25
Ω)
12
11
13
14
15
A
1
16
3
4
V+
VL
S1
S2
V-
VR
D1
D2
1
3
8
6
5
9
10
12
15
4
16
11
13
14
V+
VL
S1
A1
A2
S4
S3
S2
V-
VR
D1
D2
D4
D3
12
11
13
14
15
3
4
1
16
8
9
6
5
D1
D2
D4
D3
S1
S3
S4
S2
A
V-
VR
V+
VL
1
3
8
6
5
9
10
12
15
4
16
11
13
14
V+
VL
S1
A1
A2
S4
S3
S2
V-
VR
D1
D2
D4
D3
1
3
8
6
5
9
10
12
15
4
16
11
13
14
D1
D2
D4
D3
S1
A1
A2
S4
S3
S2
V-
VR
V+
VL
HI-5042 thru HI-5051


Similar Part No. - HI-5051

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-5051 INTERSIL-HI-5051 Datasheet
165Kb / 11P
   CMOS Analog Switches
April 2000
logo
Harris Corporation
HI-5051 HARRIS-HI-5051 Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
logo
Intersil Corporation
HI-5051 INTERSIL-HI-5051 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
HI-5051 INTERSIL-HI-5051 Datasheet
494Kb / 12P
   CMOS Analog Switches
April 6, 2005
logo
Renesas Technology Corp
HI-5051 RENESAS-HI-5051 Datasheet
503Kb / 13P
   CMOS Analog Switches
June 16, 2016
More results

Similar Description - HI-5051

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com