Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGFC45V5964A Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MGFC45V5964A
Description  5.9 - 6.4 GHz BAND 32W INTERNALLY MATCHED GaAs FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFC45V5964A Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MGFC45V5964A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFC45V5964A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
27-March'98
MITSUBISHI SEMICONDUCTOR <GaAs FET>
MGFC45V5964A
5.9 - 6.4GHz BAND 32W INTERNALLY MATCHED GaAs FET
DESCRIPTION
The MGFC45V5964A is an internally impedance matched
GaAs power FET especially designed for use in 5.9 - 6.4
GHz band amplifiers. The hermetically sealed metal-ceramic
package guarantees high reliability.
FEATURES
Internally matched to 50 ohm system
High output power
P1dB = 32W (TYP.) @ f=5.9 - 6.4 GHz
High power gain
GLP =9.0 dB (TYP.) @ f=5.9 - 6.4 GHz
High power added efficiency
P.A.E. = 33 % (TYP.) @ f=5.9 - 6.4 GHz
Low Distortion[Item-51]
IM3=-42 dBc(MIN.)@Po=34.5dBm S.C.L.
APPLICATION
5.9 - 6.4 GHz band amplifiers
QUALITY GRADE
IG
RECOMMENDED BIAS CONDITIONS
VDS = 10V
ID = 8 A
Rg=25 ohm
Refer to Bias Procedure
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Ratings
Unit
VGDO
Gate to drain voltage
-15
V
VGSO
Gate to source voltage
-15
V
ID
Drain current
30
A
IGR
Reverse gate current
-60
mA
IGF
Forward gate current
126
mA
PT
Total power dissipation
125
W
Tch
Channel temperature
175
deg.C
Tstg
Storage temperature
-65/+175
deg.C
*1 : Tc=25 Deg.C
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Test conditions
Limits
Unit
Min
Typ
Max
IDSS
Saturated drain current
VDS = 3V , VGS = 0V
-
24
-
A
Gm
Transconductance
VDS = 3V , ID = 8A
-
8
-
S
VGS(off)
Gate to source cut-off voltage
VDS = 3V , ID = 160mA
-
-
-5
V
P1dB
Output power at 1dB gain
compression
44.5
45
-
dBm
GLP
Linear power gain
VDS = 10V , ID = 8A , f = 5.9 - 6.4 GHz
8
9
-
dB
PAE
Power added efficiency
-
33
-
%
IM3
3rd order IM distortion
-42
-45
-
dBc
Rth(ch-c)
Thermal resistance *1
Delta Vf method
-
-
1.0
Deg.C/W
*1 : Channel to case
*2 : Item-51,2tone test,Po=34.5dBm Single Carrier Level,f=6.4GHz, Delta f=10MHz
MITSUBISHI
ELECTRIC
PRELIMINARY
Notice : This is not a final specification.
Some parametric limits are subject to change.
24 +/- 0.3
16.7
20.4 +/- 0.2
OUTLINE DRAWING Unit:millimeters (inches)
GF-38
R1.2
(1)
(1) GATE
(2) SOURCE(FIANGE)
(3) DRAIN
(3)
(2)
0.6 +/- 0.15


Similar Part No. - MGFC45V5964A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC45V5964A MITSUBISHI-MGFC45V5964A Datasheet
226Kb / 3P
   5.9 - 6.4 GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFC45V5964A MITSUBISHI-MGFC45V5964A_04 Datasheet
226Kb / 3P
   5.9 - 6.4 GHz BAND 32W INTERNALLY MATCHED GaAs FET
More results

Similar Description - MGFC45V5964A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC45V5964A MITSUBISHI-MGFC45V5964A_04 Datasheet
226Kb / 3P
   5.9 - 6.4 GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFC45V6472A MITSUBISHI-MGFC45V6472A_04 Datasheet
230Kb / 3P
   6.4-7.2GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFC45V6472A MITSUBISHI-MGFC45V6472A Datasheet
41Kb / 2P
   6.4-7.2GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFC45V3436A MITSUBISHI-MGFC45V3436A Datasheet
213Kb / 2P
   3.4 - 3.6GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFS45A2527B MITSUBISHI-MGFS45A2527B Datasheet
327Kb / 6P
   2.5 - 2.7GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFC45V3436A MITSUBISHI-MGFC45V3436A_04 Datasheet
220Kb / 3P
   3.4 - 3.6GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFC45V3642A MITSUBISHI-MGFC45V3642A_04 Datasheet
230Kb / 3P
   3.6 - 4.2GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFL45V1920A MITSUBISHI-MGFL45V1920A_04 Datasheet
251Kb / 3P
   1.9 - 2.0GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFC45V5053A MITSUBISHI-MGFC45V5053A Datasheet
16Kb / 1P
   5.05 - 5.25GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFS45V2123A MITSUBISHI-MGFS45V2123A_04 Datasheet
237Kb / 2P
   2.1 - 2.3GHz BAND 32W INTERNALLY MATCHED GaAs FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com