Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1161BM Datasheet(PDF) 3 Page - NXP Semiconductors

Part # ISP1161BM
Description  Full-speed Universal Serial Bus single-chip host and device controller
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1161BM Datasheet(HTML) 3 Page - NXP Semiconductors

  ISP1161BM Datasheet HTML 1Page - NXP Semiconductors ISP1161BM Datasheet HTML 2Page - NXP Semiconductors ISP1161BM Datasheet HTML 3Page - NXP Semiconductors ISP1161BM Datasheet HTML 4Page - NXP Semiconductors ISP1161BM Datasheet HTML 5Page - NXP Semiconductors ISP1161BM Datasheet HTML 6Page - NXP Semiconductors ISP1161BM Datasheet HTML 7Page - NXP Semiconductors ISP1161BM Datasheet HTML 8Page - NXP Semiconductors ISP1161BM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 127 page
background image
Philips Semiconductors
ISP1161
Full-speed USB single-chip host and device controller
Product data
Rev. 01 — 3 July 2001
3 of 130
9397 750 08313
© Philips Electronics N.V. 2001. All rights reserved.
2.
Features
s Complies with Universal Serial Bus Specification Rev 1.1
s Combines HC and DC in a single chip
s On-chip DC complies with most Device Class specifications
s Both HC and DC can be accessed by an external microprocessor via separate I/O
port addresses
s Selectable one or two downstream ports for HC and one upstream port for DC
s High speed parallel interface to most of the generic microprocessors and
Reduced Instruction Set Computer (RISC) processors (Hitachi SH-3 and SH-4,
MIPS-based RISC, ARM7/9, StrongARM, etc.). Maximum 15 Mbyte/s data
transfer rate between microprocessor and the HC, 11.1 Mbyte/s data transfer rate
between microprocessor and the DC
s Supports single-cycle burst mode and multiple-cycle burst mode DMA operations
s Up to 14 programmable USB endpoints with 2 fixed control IN/OUT endpoints for
the DC
s Built in separate FIFO buffer RAM for HC (4 kbytes) and DC (2462 bytes)
s Endpoints with double buffering to increase throughput and ease real-time data
transfer for both DC transfers and HC isochronous (ISO) transactions
s 6 MHz crystal oscillator with integrated PLL for low EMI
s Controllable LazyClock (24 kHz) output during ‘suspend’
s Clock output with programmable frequency (3 to 48 MHz)
s Software controlled connection to the USB bus (SoftConnect) on upstream port
for the DC
s Good USB connection indicator that blinks with traffic (GoodLink) for the DC
s Built-in software selectable internal 15 k
Ω pull-down resistors for HC downstream
ports
s Dedicated pins for suspend sensing output and wakeup control input for flexible
applications
s Global hardware reset input pin and separate internal software reset circuits for
HC and DC
Fig 3.
ISP1161 operating as both USB host and device simultaneously.
MGT928
µP SYSTEM
MEMORY
µP
ISP1161
HOST/
DEVICE
µP bus I/F
USB I/F
USB device
USB cable
USB cable
USB host
USB I/F
USB I/F
EMBEDDED SYSTEM
PC
(host)
USB I/F
PRINTER
(device)
DSC


Similar Part No. - ISP1161BM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1161A PHILIPS-ISP1161A Datasheet
587Kb / 134P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1161A1 PHILIPS-ISP1161A1 Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1161A1BD PHILIPS-ISP1161A1BD Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1161A1BM PHILIPS-ISP1161A1BM Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
logo
List of Unclassifed Man...
ISP1161A1BMUM ETC-ISP1161A1BMUM Datasheet
614Kb / 137P
   As from August 2nd 2008, the wireless operations of NXP have moved to a new company, ST-NXP Wireless
More results

Similar Description - ISP1161BM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1161A PHILIPS-ISP1161A Datasheet
587Kb / 134P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1161A1 PHILIPS-ISP1161A1 Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
   Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
ISP1562 PHILIPS-ISP1562 Datasheet
442Kb / 98P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1160 PHILIPS-ISP1160 Datasheet
1Mb / 88P
   Embedded Universal Serial Bus Host Controller
Rev. 04-04 July 2003
ISP1760 PHILIPS-ISP1760 Datasheet
449Kb / 105P
   Hi-Speed Universal Serial Bus host controller for embedded applications
Rev. 01-8 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com