Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1581 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # ISP1581
Description  Universal Serial Bus 2.0 high-speed interface device
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1581 Datasheet(HTML) 5 Page - NXP Semiconductors

  ISP1581 Datasheet HTML 1Page - NXP Semiconductors ISP1581 Datasheet HTML 2Page - NXP Semiconductors ISP1581 Datasheet HTML 3Page - NXP Semiconductors ISP1581 Datasheet HTML 4Page - NXP Semiconductors ISP1581 Datasheet HTML 5Page - NXP Semiconductors ISP1581 Datasheet HTML 6Page - NXP Semiconductors ISP1581 Datasheet HTML 7Page - NXP Semiconductors ISP1581 Datasheet HTML 8Page - NXP Semiconductors ISP1581 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
Philips Semiconductors
ISP1581
USB 2.0 HS interface device
Objective specification
Rev. 02 — 23 October 2000
5 of 73
9397 750 07648
© Philips Electronics N.V. 2000. All rights reserved.
6.2 Pin description
Table 2:
Pin description for LQFP64
Symbol [1]
Pin
Type [2]
Description
DGND
1
-
digital ground
VCC(5.0)
2
-
supply voltage (3.3 or 5.0 V)
AGND
3
-
analog ground
Vreg(3.3)
5
-
regulated supply voltage (3.3 V
± 10%) from internal
regulator; supplies internal analog circuits; used to connect
decoupling capacitor and 1.5 k
Ω pull-up resistor on D+ line
Remark: Cannot be used to supply external devices.
D
5
AI/O
USB D
− connection (analog)
D
+
6
AI/O
USB D
+ connection (analog)
RPU
7
AI
connection for external pull-up resistor for USB D
+ line;
must be connected to Vreg(3.3) via a 1.5 kΩ resistor
RREF
8
AI
connection for external bias resistor; must be connected to
ground via a 12.2 k
Ω (± 0.1%) resistor
MODE1
9
I
selects function of pin ALE/A0 (in Split Bus mode only):
0 — ALE function (address latch enable)
1 — A0 function (address/data indicator).
Remark: Connect to VCC(5.0) in Generic Processor mode.
RESET
10
I
reset input (Schmitt trigger); a LOW level produces an
asynchronous reset; connect to VCC for power-on reset
(internal POR circuit)
EOT
11
I
End Of Transfer input (programmable polarity, see
Table 37); used in DMA slave mode only
DREQ
12
I/O
DMA request (programmable polarity); direction depends
on the bit MASTER in the DMA Hardware register (DMA
master: input, DMA slave: output); see Table 37
DACK
13
I/O
DMA acknowledge (programmable polarity); direction of
depends on bit MASTER in the DMA Hardware register
(DMA slave: input, DMA master: output); see Table 37
DIOR
14
I/O
DMA read strobe (programmable polarity); direction
depends on bit MASTER in the DMA Hardware register
(DMA slave: input, DMA master: output); see Table 37
DIOW
15
I/O
DMA write strobe (programmable polarity); direction
depends on bit MASTER in the DMA Hardware register
(DMA slave: input, DMA master: output); see Table 37
INTRQ
16
I
interrupt request input from ATA/ATAPI peripheral
CS1
17
O
chip select output for ATAPI device
CS0
18
O
chip select output for ATAPI device
BUS_CONF/
DA0
19
I/O
during power-up: input to select the bus configuration
0 — Split Bus mode; multiplexed 8-bit address/data bus on
AD[7:0], separate 8/16-bit DMA data bus on DATA[15:0]
1 — Generic Processor mode; separate 8-bit address on
AD[7:0], 16-bit DMA data bus on DATA[15:0].
normal operation: address output to select the task file
register of an ATAPI device


Similar Part No. - ISP1581

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1582 PHILIPS-ISP1582 Datasheet
325Kb / 66P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1582BS PHILIPS-ISP1582BS Datasheet
325Kb / 66P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
ISP1582BS NXP-ISP1582BS Datasheet
364Kb / 69P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
More results

Similar Description - ISP1581

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
   Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
ISP1183 PHILIPS-ISP1183 Datasheet
295Kb / 62P
   Low-power Universal Serial Bus interface device with DMA
Rev. 01-24 February 2004
logo
List of Unclassifed Man...
PL-2506 ETC2-PL-2506 Datasheet
157Kb / 1P
   Universal Serial Bus Specification 2.0 Compliant
PL2551 ETC2-PL2551 Datasheet
296Kb / 1P
   Universal Serial Bus Specification 2.0 Compliant
logo
Texas Instruments
TUSB3210 TI-TUSB3210 Datasheet
173Kb / 44P
[Old version datasheet]   UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
TUSB3210 TI1-TUSB3210_15 Datasheet
933Kb / 50P
[Old version datasheet]   Universal Serial Bus General-Purpose Device Controller
logo
NXP Semiconductors
ISP1161A PHILIPS-ISP1161A Datasheet
587Kb / 134P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1161 PHILIPS-ISP1161 Datasheet
2Mb / 127P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 01-3 July 2001
logo
Texas Instruments
TUSB3210 TI-TUSB3210_1 Datasheet
401Kb / 45P
[Old version datasheet]   Universal Serial Bus General-Purpose Device Controller
logo
Fujitsu Component Limit...
F_USB20LP FUJITSU-F_USB20LP Datasheet
82Kb / 2P
   Standard Bus IP: High Speed USB 2.0 Device Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com