Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3-5051-5 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HI3-5051-5
Description  CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3-5051-5 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HI3-5051-5 Datasheet HTML 2Page - Intersil Corporation HI3-5051-5 Datasheet HTML 3Page - Intersil Corporation HI3-5051-5 Datasheet HTML 4Page - Intersil Corporation HI3-5051-5 Datasheet HTML 5Page - Intersil Corporation HI3-5051-5 Datasheet HTML 6Page - Intersil Corporation HI3-5051-5 Datasheet HTML 7Page - Intersil Corporation HI3-5051-5 Datasheet HTML 8Page - Intersil Corporation HI3-5051-5 Datasheet HTML 9Page - Intersil Corporation HI3-5051-5 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
OFF Input or Output Leakage Current,
IS(OFF) = ID(OFF)
25
-
0.8
2
-
0.8
2
nA
Full
-
100
200
-
100
200
nA
ON Leakage Current, ID(ON)
25
-0.01
2
-0.01
2
nA
Full
-
2
200
-
2
200
nA
POWER REQUIREMENTS
Quiescent Power Dissipation, PD
25
-
1.5
-
-
1.5
-
mW
I+, I-, IL, IR
25
-
-
0.2
-
-
0.3
mA
I+, +15V Quiescent Current
(Note 5)
Full
-
-
0.3
-
-
0.5
mA
I-, -15V Quiescent Current
(Note 5)
Full
-
-
0.3
-
-
0.5
mA
IL, +5V Quiescent Current
(Note 5)
Full
-
-
0.3
-
-
0.5
mA
IR, Ground Quiescent Current
(Note 5)
Full
-
-
0.3
-
-
0.5
mA
NOTES:
2. VOUT = ±10V, IOUT = 1mA.
3. VIN = 0V, CL = 10nF.
4. RL = 100Ω, f = 100kHz, VIN = 2.0VP-P, CL = 5pF.
5. VAL = 0V, VAH = 5V.
Electrical Specifications
Supplies = +15V, -15V; VR = 0V; VAH (Logic Level High) = 2.4V, VAL (Logic Level Low) = 0.8V, VL =5V,
Unless Otherwise Specified. For Test Conditions, Consult Performance Characteristics,
Unused Pins are Grounded (Continued)
PARAMETER
TEST
CONDITIONS
TEMP
(oC)
-2
-5, -9
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Test Circuits and Waveforms TA = 25oC, V+ = +15V, V- = -15V, VL = +5V, VR = 0V, VAH = 3V and VAL = 0.8V
Unless Otherwise Specified
FIGURE 1A. TEST CIRCUIT
FIGURE 1B. ON RESISTANCE vs ANALOG SIGNAL LEVEL
FIGURE 1C. NORMALIZED ON RESISTANCE vs TEMPERATURE
FIGURE 1. ON RESISTANCE
IN
OUT
1mA
V2
rON =
1mA
V2
±V
IN
ANALOG SIGNAL LEVEL (V)
80
60
40
20
0
-15
-10
-5
0
5
10
15
V+ = +10V
V- = -10V
V+ = +12V
V- = -12V
V+ = +15V
V- = -15V
TEMPERATURE (oC)
-50
-25
0
75
100
125
50
25
0.6
1.2
1.1
1.0
0.9
0.8
0.7
VIN = 0V
HI-5042 thru HI-5051


Similar Part No. - HI3-5051-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3-5051-5 INTERSIL-HI3-5051-5 Datasheet
165Kb / 11P
   CMOS Analog Switches
April 2000
logo
Harris Corporation
HI3-5051-5 HARRIS-HI3-5051-5 Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
logo
Intersil Corporation
HI3-5051-5 INTERSIL-HI3-5051-5 Datasheet
494Kb / 12P
   CMOS Analog Switches
April 6, 2005
HI3-5051-5Z INTERSIL-HI3-5051-5Z Datasheet
494Kb / 12P
   CMOS Analog Switches
April 6, 2005
More results

Similar Description - HI3-5051-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com