Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1-0507-2 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI1-0507-2
Description  Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-0507-2 Datasheet(HTML) 5 Page - Intersil Corporation

  HI1-0507-2 Datasheet HTML 1Page - Intersil Corporation HI1-0507-2 Datasheet HTML 2Page - Intersil Corporation HI1-0507-2 Datasheet HTML 3Page - Intersil Corporation HI1-0507-2 Datasheet HTML 4Page - Intersil Corporation HI1-0507-2 Datasheet HTML 5Page - Intersil Corporation HI1-0507-2 Datasheet HTML 6Page - Intersil Corporation HI1-0507-2 Datasheet HTML 7Page - Intersil Corporation HI1-0507-2 Datasheet HTML 8Page - Intersil Corporation HI1-0507-2 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
FN3142.7
July 21, 2005
Functional Diagrams
HI-506
HI-507
HI-508
HI-509
DECODER/
DRIVER
† † † †
OUT
IN 1
IN 2
IN 16
DIGITAL
PROTECTION
A0 A1 A2 A3
EN
INPUT
LEVEL
SHIFT
5V
REF
DECODER/
DRIVER
OUT B
IN 8A
IN 1A
IN 1B
DIGITAL
PROTECTION
A0
A1
A2
EN
INPUT
LEVEL
SHIFT
5V
REF
OUT A
IN 8B
DECODER/
DRIVER
OUT
IN 1
IN 2
IN 8
DIGITAL
PROTECTION
A0
A1
A2
EN
INPUT
LEVEL
SHIFT
5V
REF
DECODER/
DRIVER
OUT B
IN 4A
IN 1A
IN 1B
DIGITAL
PROTECTION
A0
A1
EN
INPUT
LEVEL
SHIFT
5V
REF
OUT A
IN 4B
HI-506, HI-507, HI-508, HI-509


Similar Part No. - HI1-0507-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-0507-2 INTERSIL-HI1-0507-2 Datasheet
454Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
June 1999
HI1-0507-2 INTERSIL-HI1-0507-2 Datasheet
751Kb / 24P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
More results

Similar Description - HI1-0507-2

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI3-506 HARRIS-HI3-506 Datasheet
854Kb / 16P
   SINGLE 16 AND 8/ DIFFERENTIAL 8 CHANNEL AND 4 CHANNEL CMOS ANALOG MULTIPLEXERS
logo
Renesas Technology Corp
HI-506 RENESAS-HI-506 Datasheet
1,018Kb / 25P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
Jun 14, 2016
logo
Intersil Corporation
HI-506 INTERSIL-HI-506_07 Datasheet
751Kb / 24P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
HI-506 INTERSIL-HI-506 Datasheet
454Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
June 1999
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
DG406883 INTERSIL-DG406883 Datasheet
826Kb / 13P
   Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
DG406 INTERSIL-DG406_06 Datasheet
552Kb / 13P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG406 RENESAS-DG406 Datasheet
948Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Intersil Corporation
DG406DJZ INTERSIL-DG406DJZ Datasheet
604Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
October 1, 2013
logo
Analog Devices
AD7506JNZ AD-AD7506JNZ Datasheet
231Kb / 4P
   CMOS 8-and 16-Channel Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com