Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBG1030CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBG1030CT
Description  10A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBG1030CT Datasheet(HTML) 1 Page - Diodes Incorporated

  SBG1030CT Datasheet HTML 1Page - Diodes Incorporated SBG1030CT Datasheet HTML 2Page - Diodes Incorporated SBG1030CT Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30092 Rev. 4 - 2
1 of 3
SBG1030CT - SBG1045CT
www.diodes.com
ã Diodes Incorporated
SBG1030CT - SBG1045CT
10A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Case: D2PAK
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Bright Tin. Solderable per MIL-STD-202,
Method 208
·
Ordering Information
, Note 5, on Page 2
·
Polarity: See Diagram
·
Marking: Type Number
·
Mounting Position: Any
·
Weight: 1.7 grams (approximate)
Mechanical Data
B
C
D
E
G
H
J
K
L
M
A
123
4
PIN 1
PIN 3
PIN2&4
D2PAK
Dim
Min
Max
A
9.65
10.69
B
14.60
15.88
C
0.51
1.14
D
2.29
2.79
E
4.37
4.83
G
1.14
1.40
H
1.14
1.40
J
8.25
9.25
K
0.30
0.64
L
2.03
2.92
M
2.29
2.79
All Dimensions in mm
Characteristic
Symbol
SBG
1030CT
SBG
1035CT
SBG
1040CT
SBG
1045CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
V
RMS Reverse Voltage
VR(RMS)
21
25
28
32
V
Average Rectified Output Current
@ TC = 95
°C
IO
10
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
125
A
Forward Voltage, per Element
@ IF = 5.0A
VFM
0.55
V
Peak Reverse Current
@ Tj = 25
°C
at Rated DC Blocking Voltage
@ Tj = 125
°C
IRM
1.0
50
mA
Typical Junction Capacitance (Note 2)
Cj
275
pF
Typical Thermal Resistance Junction to Case (Note 1)
RqJC
3.0
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
·
Schottky Barrier Chip
·
Guard Ring Die Construction for Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward Voltage Drop
·
Surge Overload Rating to 125A Peak
·
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
·
Lead Free Finish/RoHS Compliant (Note 3)
Notes:
1. Thermal resistance: junction to case mounted on heat sink.
2.
Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.
RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
SPICE MODELS: SBG1030CT SBG1035CT SBG1040CT SBG1045CT


Similar Part No. - SBG1030CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBG1030CT DIODES-SBG1030CT Datasheet
45Kb / 2P
   10A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30092 Rev. B-2
More results

Similar Description - SBG1030CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBG1030CT DIODES-SBG1030CT Datasheet
45Kb / 2P
   10A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30092 Rev. B-2
SBM1040CT DIODES-SBM1040CT Datasheet
72Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30356 Rev. 2 - 1
MBRD1035CTL DIODES-MBRD1035CTL Datasheet
63Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30286 Rev. B-2
logo
Won-Top Electronics
SB1020DC WTE-SB1020DC_06 Datasheet
49Kb / 4P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SD1020S WTE-SD1020S Datasheet
44Kb / 3P
   10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD1020YS WTE-SD1020YS Datasheet
46Kb / 3P
   10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB1020DC WTE-SB1020DC Datasheet
46Kb / 3P
   10A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBRD1040CT DIODES-MBRD1040CT Datasheet
64Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30285 Rev. C-2
logo
Won-Top Electronics
SD1020CS WTE-SD1020CS Datasheet
46Kb / 3P
   10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB10150DC WTE-SB10150DC_08 Datasheet
68Kb / 4P
   10A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com