Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-539 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HI-539
Description  Precision, 4-Channel, Low-Level, Differential Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-539 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HI-539_03 Datasheet HTML 4Page - Intersil Corporation HI-539_03 Datasheet HTML 5Page - Intersil Corporation HI-539_03 Datasheet HTML 6Page - Intersil Corporation HI-539_03 Datasheet HTML 7Page - Intersil Corporation HI-539_03 Datasheet HTML 8Page - Intersil Corporation HI-539_03 Datasheet HTML 9Page - Intersil Corporation HI-539_03 Datasheet HTML 10Page - Intersil Corporation HI-539_03 Datasheet HTML 11Page - Intersil Corporation HI-539_03 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Application Information
General
The Hl-539 accepts inputs in the range -15V to +15V, with
performance guaranteed over the
±10V range. At these
higher levels of analog input voltage it is comparable to the
HI-509, and is plug-in compatible with that device (as well as
the Hl-509A). However, as mentioned earlier, the Hl-539 was
designed to introduce minimum error when switching low level
inputs.
Special care is required in working with these low level
signals. The main concern with signals below 100mV is that
noise, offset voltage, and other aberrations can represent a
large percentage error. A shielded differential signal path is
essential to maintain a noise level below 50
µV
RMS .
Low Level Signal Transmission
The transmission cable carrying the transducer signal is critical
in a low level system. It should be as short as practical and
rigidly supported. Signal conductors should be tightly twisted for
minimum enclosed area to guard against pickup of
electromagnetic interference, and the twisted pair should be
shielded against capacitively coupled (electrostatic)
interference. A braided wire shield may be satisfactory, but a
lapped foil shield is better since it allows only 1/10 as much
leakage capacitance to ground per foot. A key requirement for
the transmission cable is that it presents a balanced line to
sources of noise interference. This means an equal series
impedance in each conductor plus an equally distributed
impedance from each conductor to ground. The result should
be signals equal in magnitude but opposite in phase at any
transverse plane. Noise will be coupled in phase to both
conductors, and may be rejected as common-mode voltage by
a differential amplifier connected to the multiplexer output.
Coaxial cable is not suitable for low level signals because the
two conductors (center and shield) are unbalanced. Also,
ground loops are produced if the shield is grounded at both
ends by standard BNC connectors. If coax must be used, carry
the signal on the center conductors of two equal-length cables
whose shields are terminated only at the transducer end. As a
general rule, terminate (ground) the shield at one end only,
preferably at the end with greatest noise interference. This is
usually the transducer end for both high and low level signals.
Watch Small
∆V Errors
Printed circuit traces and short lengths of wire can add
substantial error to a signal even after it has traveled
hundreds of feet and arrived on a circuit board. Here, the
small voltage drops due to current flow through connections
of a few milliohms must be considered, especially to meet an
accuracy requirement of 12 bits or more.
Table 1 is a useful collection of data for calculating the effect
of these short connections. (Proximity to a ground plane will
lower the values of inductance.)
As an example, suppose the Hl-539 is feeding a 12-bit
converter system with an allowable error of
±1/2 LSB
(
±1.22mV). lf the interface logic draws 100mA from the 5V
supply, this current will produce 1.28mV across 6 inches of
#24 wire; more than the error budget. Obviously, this digital
current must not be routed through any portion of the analog
ground return network.
FIGURE 7A. SINGLE-ENDED CROSSTALK TEST CIRCUIT
FIGURE 7B. DIFFERENTIAL CROSSTALK TEST CIRCUIT
FIGURE 7. CROSSTALK
Test Circuits and Waveforms Unless Otherwise Specified TA = 25oC, V+ = +15V, V- = -15V, VAH = 4V and VAL = 0.8V (Continued)
HI-539
INSTRUMENTATION
AMPLIFIER
AD606 or BB3630, for Example
+
-
G = 1000
350
1kHz,
15VP-P
AD606 or BB3630, for example
HI-539
INSTRUMENTATION
AMPLIFIER
+
-
G = 1000
350
1kHz,
15VP-P
350
HI-539


Similar Part No. - HI-539_03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-539 INTERSIL-HI-539 Datasheet
189Kb / 11P
   Precision, 4-Channel, Low-Level, Differential Multiplexer
July 1999
logo
Renesas Technology Corp
HI-539 RENESAS-HI-539 Datasheet
708Kb / 12P
   Precision, 4-Channel, Low-Level, Differential Multiplexer
More results

Similar Description - HI-539_03

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI-539 RENESAS-HI-539 Datasheet
708Kb / 12P
   Precision, 4-Channel, Low-Level, Differential Multiplexer
logo
Intersil Corporation
HI-539 INTERSIL-HI-539 Datasheet
189Kb / 11P
   Precision, 4-Channel, Low-Level, Differential Multiplexer
July 1999
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L_06 Datasheet
54Kb / 5P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L Datasheet
62Kb / 4P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57_14 Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com