Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1-0524-5 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI1-0524-5
Description  4-Channel Wideband and Video Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-0524-5 Datasheet(HTML) 5 Page - Intersil Corporation

  HI1-0524-5 Datasheet HTML 1Page - Intersil Corporation HI1-0524-5 Datasheet HTML 2Page - Intersil Corporation HI1-0524-5 Datasheet HTML 3Page - Intersil Corporation HI1-0524-5 Datasheet HTML 4Page - Intersil Corporation HI1-0524-5 Datasheet HTML 5Page - Intersil Corporation HI1-0524-5 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Application Information
Often it is desirable to buffer the Hl-524 output, to avoid
loading errors due to the channel “ON” resistance:
The buffer amplifier should offer sufficient bandwidth and
slew rate to avoid degradation of the anticipated signals. For
video switching, the HA-5033 and HA-2542 offer good
performance plus
±100mA output current for driving coaxial
cables. For general wideband applications, the HA-2541
offers the convenience of unity gain stability plus 90ns
settling (to
±0.1%) and ±10V output swing. Also, the Hl-524
includes a feedback resistance for use with the HA-2541.
This resistance matches and tracks the channel “ON”
resistance, to minimize offset voltage due to the buffer's bias
currents.
Note that the on-chip feedback element between pins 16
and 18 includes two switches in series, to simulate a channel
resistance. These switches open for VEN = Low. This allows
two or more Hl-524s to operate into one HA-2541, with their
feedback elements connected in parallel. Thus, only the
selected multiplexer provides feedback, and the amplifier
remains stable.
All Hl-524 pins labeled ‘SlG GND’ (pins 3, 4, 6, 13, 15)
should be externally connected to signal ground for best
crosstalk performance.
Bypass capacitors (0.1
µF to 1µF) are recommended from
each HI-524 supply pin to power ground (pins 1 and 17 to
pin 8). Locate the buffer amplifier near the Hl-524 so the two
capacitors may bypass both devices.
If an analog input 1V or greater is present when supplies are
off, a low resistance is seen from that input to a supply line.
(For example, the resistance is approximately 160
Ω for an
input of -3V.) Current flow may be blocked by a diode in
each supply line, or limited by a resistor in series with each
channel. The best solution, of course, is to arrange that no
digital or analog inputs are present when the power supplies
are off.
FIGURE 4. ACCESS TIME WAVEFORMS
Test Circuits and Waveforms TA = 25oC, VSUPPLY = ±15V, VAH = 2.4V, VAL = 0.8V, Unless Otherwise Specified
50ns/DIV.
1V/DIV.
5V/DIV.
S4 ON
S1 ON
VA INPUT
OUTPUT
+
-
HA-2541
14
BUFFERED
CH2
75
7
CH3
75
5
75
CH4
12
CH1
75
2
18
16
20pF(NOTE)
OUTPUT
HA-524
NOTE: Capacitor value may be selected to optimize AC performance.
FIGURE 5.
HI-524


Similar Part No. - HI1-0524-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-0524-5 INTERSIL-HI1-0524-5 Datasheet
161Kb / 6P
   4-Channel Wideband and Video Multiplexer
July 1999
logo
Renesas Technology Corp
HI1-0524-5 RENESAS-HI1-0524-5 Datasheet
522Kb / 6P
   4-Channel Wideband and Video Multiplexer
More results

Similar Description - HI1-0524-5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI-524 RENESAS-HI-524 Datasheet
522Kb / 6P
   4-Channel Wideband and Video Multiplexer
logo
Intersil Corporation
HI-524 INTERSIL-HI-524 Datasheet
161Kb / 6P
   4-Channel Wideband and Video Multiplexer
July 1999
logo
Analog Devices
AD9300 AD-AD9300 Datasheet
158Kb / 8P
   4 x 1 Wideband Video Multiplexer
REV. A
logo
Gennum Corporation
GX4314 GENNUM-GX4314 Datasheet
135Kb / 4P
   Wideband, Monolithic 4x1 Video Multiplexer
GX4314L GENNUM-GX4314L Datasheet
106Kb / 4P
   GX4314L Low Power, Wideband 4 x 1 Video Multiplexer
GX4404 GENNUM-GX4404 Datasheet
127Kb / 3P
   GX4404 Wideband, Monolithic 4x1 Video Multiplexer
logo
Vishay Siliconix
DG534A VISHAY-DG534A_V01 Datasheet
152Kb / 17P
   4-/8-Channel Wideband Video Multiplexers
18-Jul-08
DG538A VISHAY-DG538A Datasheet
149Kb / 16P
   4-/8-Channel Wideband Video Multiplexers
Rev. G, 29-Jan-02
logo
Zetex Semiconductors
ZXFV302EV ZETEX-ZXFV302EV Datasheet
114Kb / 3P
   4:1 CHANNEL VIDEO MULTIPLEXER EVALUATION BOARD
logo
Vishay Siliconix
DG535 VISHAY-DG535 Datasheet
98Kb / 11P
   16-Channel Wideband Video Multiplexers
Rev. D, 05-Oct-00
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com