Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI4P0509-5 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HI4P0509-5
Description  Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI4P0509-5 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HI4P0509-5 Datasheet HTML 3Page - Intersil Corporation HI4P0509-5 Datasheet HTML 4Page - Intersil Corporation HI4P0509-5 Datasheet HTML 5Page - Intersil Corporation HI4P0509-5 Datasheet HTML 6Page - Intersil Corporation HI4P0509-5 Datasheet HTML 7Page - Intersil Corporation HI4P0509-5 Datasheet HTML 8Page - Intersil Corporation HI4P0509-5 Datasheet HTML 9Page - Intersil Corporation HI4P0509-5 Datasheet HTML 10Page - Intersil Corporation HI4P0509-5 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
FN3142.7
July 21, 2005
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+44V
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+22V
V- to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25V
Digital Input Voltage (VEN, VA) . . . . . (V-) -4V to (V+) +4V or 20mA,
Whichever Occurs First
Analog Signal (VIN, VOUT, Note 2) . . . . . . . . . . (V-) -2V to (V+) +2V
Continuous Current, In or Out . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Peak Current, In or Out (Pulsed 1ms, 10% Duty Cycle Max) . 40mA
Operating Conditions
Temperature Ranges
HI-50X-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55°C to 125°C
HI-50X-4 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-25°C to 85°C
HI-50X-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 75°C
HI-50X-9 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
Typical Minimum Supply Voltage . . . . . . . . . . . .
±10V or Single 20V
Thermal Resistance (Typical, Note 1)
θJA (°C/W) θJC (°C/W)
16 Ld CERDIP Package. . . . . . . . . . . .
85
32
16 Ld SOIC Package . . . . . . . . . . . . . .
115
N/A
16 Ld PDIP Package . . . . . . . . . . . . . .
100
N/A
20 Ld PLCC Package. . . . . . . . . . . . . .
80
N/A
28 Ld CERDIP Package. . . . . . . . . . . .
55
18
28 Ld PDIP Package . . . . . . . . . . . . . .
60
N/A
28 Ld SOIC Package . . . . . . . . . . . . . .
70
N/A
28 Ld PLCC Package. . . . . . . . . . . . . .
70
N/A
Maximum Junction Temperature
Ceramic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175°C
Plastic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC and PLCC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. Signals on IN or OUT exceeding V+ or V- are clamped by internal diodes. Limit resulting current to maximum current ratings. If an overvoltage
condition is anticipated (analog input exceeds either power supply voltage), the Intersil HI-546/HI-547/HI-548/HI-549 multiplexers are
recommended.
Electrical Specifications
Supplies = +15V, -15V; VAH (Logic Level High) = 2.4V; VAL (Logic Level Low) = 0.8V,
Unless Otherwise Specified. For Test Conditions, Consult Test Circuits Section
PARAMETER
TEST
CONDITIONS
TEMP
(°C)
-2
-4, -5, -9
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
DYNAMIC CHARACTERISTICS
Access Time, tA
25
-
250
500
-
250
-
ns
Full
-
-
1000
-
-
1000
ns
Break-Before-Make Delay, tOPEN
25
25
80
-
25
80
-
ns
Enable Delay (ON), tON(EN)
25
-
250
500
-
250
-
ns
Full
-
-
1000
-
-
1000
ns
Enable Delay (OFF), tOFF(EN)
25
-
250
500
-
250
-
ns
Full
-
-
1000
-
-
1000
ns
Settling Time, tS
(HI-506 and HI-507)
To 0.1%
25
-
1.2
-
-
1.2
-
µs
To 0.01%
25
-
2.4
-
-
2.4
-
µs
Settling Time, tS
(HI-508 and HI-509)
To 0.1%
25
-
360
-
-
360
-
ns
To 0.01%
25
-
600
-
-
600
-
ns
Off Isolation
Note 6
25
50
68
-
50
68
-
dB
Channel Input Capacitance, CS(OFF)
25
-10-
-10-
pF
Channel Output Capacitance, CD(OFF)
HI-506
25
-52-
-52-
pF
HI-507
25
-30-
-30-
pF
HI-508
25
-17-
-17-
pF
HI-509
25
-12-
-12-
pF
Digital Input Capacitance, CA
25
-
6
-
-
6
-
pF
Input to Output Capacitance, CDS(OFF)
25
-
0.08
-
-
0.08
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Low Threshold, VAL
Full
-
-
0.8
-
-
0.8
V
Input High Threshold, VAH
Full
2.4
-
-
2.4
-
-
V
Input Leakage Current
(High or Low), IA
Note 5
Full
-
-
1.0
-
-
1.0
µA
HI-506, HI-507, HI-508, HI-509


Similar Part No. - HI4P0509-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI4P0509-5 INTERSIL-HI4P0509-5 Datasheet
454Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
June 1999
logo
Harris Corporation
HI4P0509-5 HARRIS-HI4P0509-5 Datasheet
854Kb / 16P
   SINGLE 16 AND 8/ DIFFERENTIAL 8 CHANNEL AND 4 CHANNEL CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
HI4P0509-5 INTERSIL-HI4P0509-5 Datasheet
751Kb / 24P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
HI4P0509-5Z INTERSIL-HI4P0509-5Z Datasheet
751Kb / 24P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
More results

Similar Description - HI4P0509-5

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI3-506 HARRIS-HI3-506 Datasheet
854Kb / 16P
   SINGLE 16 AND 8/ DIFFERENTIAL 8 CHANNEL AND 4 CHANNEL CMOS ANALOG MULTIPLEXERS
logo
Renesas Technology Corp
HI-506 RENESAS-HI-506 Datasheet
1,018Kb / 25P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
Jun 14, 2016
logo
Intersil Corporation
HI-506 INTERSIL-HI-506_07 Datasheet
751Kb / 24P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
HI-506 INTERSIL-HI-506 Datasheet
454Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
June 1999
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
DG406883 INTERSIL-DG406883 Datasheet
826Kb / 13P
   Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
DG406 INTERSIL-DG406_06 Datasheet
552Kb / 13P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG406 RENESAS-DG406 Datasheet
948Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Intersil Corporation
DG406DJZ INTERSIL-DG406DJZ Datasheet
604Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
October 1, 2013
logo
Analog Devices
AD7506JNZ AD-AD7506JNZ Datasheet
231Kb / 4P
   CMOS 8-and 16-Channel Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com