Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1-0547-5 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI1-0547-5
Description  Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-0547-5 Datasheet(HTML) 5 Page - Intersil Corporation

  HI1-0547-5 Datasheet HTML 1Page - Intersil Corporation HI1-0547-5 Datasheet HTML 2Page - Intersil Corporation HI1-0547-5 Datasheet HTML 3Page - Intersil Corporation HI1-0547-5 Datasheet HTML 4Page - Intersil Corporation HI1-0547-5 Datasheet HTML 5Page - Intersil Corporation HI1-0547-5 Datasheet HTML 6Page - Intersil Corporation HI1-0547-5 Datasheet HTML 7Page - Intersil Corporation HI1-0547-5 Datasheet HTML 8Page - Intersil Corporation HI1-0547-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
HI-548
HI-549
Functional Diagrams (Continued)
DECODER/
DRIVER
OUT
IN 1
IN 2
IN 8
DIGITAL INPUT
A0
A1
A2
EN
LEVEL
SHIFT
5V
REF
OVERVOLTAGE
CLAMP AND
SIGNAL
ISOLATION
PROTECTION
1K
1K
1K
DECODER/
DRIVER
OUT
IN 1A
IN 4A
IN 4B
DIGITAL INPUT
A0
A1
EN
LEVEL
SHIFT
5V
REF
OVERVOLTAGE
CLAMP AND
SIGNAL
ISOLATION
PROTECTION
1K
1K
1K
1K
A
OUT
B
IN 1B
Schematic Diagrams
ADDRESS DECODER
P
N
A0 OR A0
TO N-CHANNEL
DEVICE OF
THE SWITCH
A1 OR A1
A2 OR A2
A3 OR A3
ENABLE
PP
P
P
P
P
V+
V-
N
N
N
N
NN
TO P-CHANNEL
DEVICE OF
THE SWITCH
DELETE A3 OR A3 INPUT FOR HI-547, HI-548, HI-549
DELETE A2 OR A2 INPUT FOR HI-549
HI-546, HI-547, HI-548, HI-549


Similar Part No. - HI1-0547-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-0547-5 INTERSIL-HI1-0547-5 Datasheet
329Kb / 15P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
June 1999
More results

Similar Description - HI1-0547-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-0546-2 INTERSIL-HI1-0546-2 Datasheet
719Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
October 1, 2015
HI-546 INTERSIL-HI-546 Datasheet
329Kb / 15P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
June 1999
logo
Renesas Technology Corp
HI-546 RENESAS-HI-546 Datasheet
910Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
Jun 15, 2016
logo
Harris Corporation
HI-506A HARRIS-HI-506A Datasheet
1Mb / 14P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
579Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-506A INTERSIL-HI-506A Datasheet
235Kb / 15P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
June 1999
logo
Renesas Technology Corp
HI-506A RENESAS-HI-506A Datasheet
1,010Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
576Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
October 30, 2007
HI-506A INTERSIL-HI-506A_07 Datasheet
573Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-506A INTERSIL-HI-506A_04 Datasheet
613Kb / 19P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com