Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR140 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MUR140
Description  1.0A SUPER-FAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MUR140 Datasheet(HTML) 2 Page - Diodes Incorporated

  MUR140 Datasheet HTML 1Page - Diodes Incorporated MUR140 Datasheet HTML 2Page - Diodes Incorporated MUR140 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30112 Rev. 6 - 2
2 of 3
MUR140 - MUR160
www.diodes.com
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Surge Current Derating Curve
Single Half-Sine-Wave
(JEDEC Method)
0
10
20
30
40
50
60
025
50
75
100
125
150
T , TERMINAL TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
T
°
0
1
2
3
175
50V DC
Approx
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 50/100 ns/cm
+0.5A
0A
-0.25A
-1.0A
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
Fig.2 Typical Forward Current
V , INSTANTANEOUS VOLTAGE (V)
F
0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3
0.01
0.05
0.1
0.5
1.0
2.0
3.0
5.0
7.0
10.0
175 C
0
100 C
0
T= 25 C
C
0
40
80
20
4.0
8.0
2.0
0.8
0.4
0.2
0.08
0.04
0.02
0.008
0.004
0.002
0
100
300
400
50
150
350
200 250
450 500
Fig. 4 Typical Reverse Current
V , REVERSE VOLTAGE (V)
R
T = 175 C
J
0
T = 100 C
J
0
T= 25 C
J
0


Similar Part No. - MUR140

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
MUR140 SHUNYE-MUR140 Datasheet
1Mb / 3P
   SUPER FAST RECTIFIER
logo
Motorola, Inc
MUR140 MOTOROLA-MUR140 Datasheet
115Kb / 6P
   ULTRAFAST RECTIFIERS 1.0 AMPERE 200-400-600 VOLTS
logo
New Jersey Semi-Conduct...
MUR140 NJSEMI-MUR140 Datasheet
48Kb / 1P
   SWITCHMODE POWER RECTIRERS
logo
Shanghai Lunsure Electr...
MUR140 CHENYI-MUR140 Datasheet
50Kb / 3P
   1Amp super fast recovery rectifier 50to1000 volts
logo
Kersemi Electronic Co.,...
MUR140 KERSEMI-MUR140 Datasheet
442Kb / 5P
   ULTRAFAST RECTIFIERS 1.0 A, 50 V ??600 V
More results

Similar Description - MUR140

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MUR140 DIODES-MUR140 Datasheet
64Kb / 2P
   1.0A SUPER-FAST RECTIFIER
DS30112 Rev. B-2
MUR140 DIODES-MUR140_15 Datasheet
91Kb / 3P
   1.0A SUPER-FAST RECTIFIER
MUR120 DIODES-MUR120 Datasheet
66Kb / 2P
   1.0A SUPER-FAST RECTIFIER
DS30178 Rev. A-0
logo
Won-Top Electronics
SF11 WTE-SF11 Datasheet
46Kb / 3P
   1.0A SUPER-FAST RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
FS1AF YENYO-FS1AF Datasheet
281Kb / 3P
   1.0A Super Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
BYV26D ZSELEC-BYV26D Datasheet
84Kb / 2P
   1.0A SUPER FAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
FS1000FL YENYO-FS1000FL Datasheet
212Kb / 2P
   1.0A Super Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
BYV26A ZSELEC-BYV26A Datasheet
93Kb / 2P
   1.0A SUPER FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
SF11 DIODES-SF11 Datasheet
58Kb / 2P
   1.0A SUPER-FAST RECOVERY RECTIFIER
DS24001 Rev. D1-3
logo
TAITRON Components Inco...
TSF11 TAITRON-TSF11 Datasheet
130Kb / 4P
   1.0A Super Fast Recovery Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com